Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTUM7N025AD6 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # CTUM7N025AD6
Description  Miniature pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTUM7N025AD6 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  CTUM7N025AD6 Datasheet HTML 1Page - Sensortechnics GmbH CTUM7N025AD6 Datasheet HTML 2Page - Sensortechnics GmbH CTUM7N025AD6 Datasheet HTML 3Page - Sensortechnics GmbH CTUM7N025AD6 Datasheet HTML 4Page - Sensortechnics GmbH CTUM7N025AD6 Datasheet HTML 5Page - Sensortechnics GmbH CTUM7N025AD6 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CTE7000 / CTU7000 Series
Miniature pressure transmitters
4/6
December 2008 / 507
www.sensortechnics.com
OUTLINE DRAWING
Pin
1
2
3
4
Output
0...10 V
0.5...4.5 V
0...5 V
+V
S
Vout
case
-Vs
4...20 mA
+V
S
NC
case
-Vs
mass: 60 g
dimensions in mm (inches)
Specification notes:
1.
IP 64 protection is given when the connector is locked. For proper function the gage port is vented to the atmosphere
through the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
2.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
3.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
4.
Thermal effects tested and guaranteed from 0 to 50°C relative to 25°C. All specifications shown are relative to 25°C.
5.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
6.
Long term stability is the change in output after one year or 1 million pressure cycles.
7.
Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure.
8.
Tests are in accordance with EN61000-6-2, April 1999.
9.
When using devices with optional nickel plated fittings, consider the media compatibility of the fittings also.
10.
Available for pressure ranges from 1 bar (15 psi) absolute upwards only.
11.
For sensors with max. operating pressure below 100 mbarg the max. supply voltage is 27 V.
12.
CE-labelling is in accordance with 89/336/EEC.
13.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
vent hole¹
NOM 72.0 (2.83)
52.0 (2.05)
3
1
2
4
6.5
(0.26)
Detail A
Detail A
o-ring grove for
o-ring 11.8 x 1.8
(0.456 x 0.071)
(ZA004022)


Similar Part No. - CTUM7N025AD6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTUM8005G4CXS SENSORTECHNICS-CTUM8005G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8010G4CXS SENSORTECHNICS-CTUM8010G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8015G4CXS SENSORTECHNICS-CTUM8015G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8020G4CXS SENSORTECHNICS-CTUM8020G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8030G4CXS SENSORTECHNICS-CTUM8030G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
More results

Similar Description - CTUM7N025AD6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com