Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTE8002AD6 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # CTE8002AD6
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTE8002AD6 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  CTE8002AD6 Datasheet HTML 1Page - Sensortechnics GmbH CTE8002AD6 Datasheet HTML 2Page - Sensortechnics GmbH CTE8002AD6 Datasheet HTML 3Page - Sensortechnics GmbH CTE8002AD6 Datasheet HTML 4Page - Sensortechnics GmbH CTE8002AD6 Datasheet HTML 5Page - Sensortechnics GmbH CTE8002AD6 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CTE8000 / CTU8000 Series
OEM pressure transmitters for industrial media
1/6
December 2008 / 508
www.sensortechnics.com
FEATURES
· 0...-1 to 0...100 bar,
0...-15 to 0...1500 psi
gage1 or absolute10
· For many industrial gases and liquids
· 0...10 V, 0.5...4.5 V, 0...5 V, 1...6 V or
4...20 mA output
· Field interchangeable
· For industrial use
SPECIFICATIONS11,12
Maximum ratings
Supply voltage (reverse polarity protection)
CTx8...0
CTx8...1, ...6, ...7
CTx8...42
Maximum load current (source)
CTx8...0, ...1, ...6, ...7
Temperature limits
Storage
Operating8
Compensated
Humidity limits
Vibration (5 to 500 Hz)
Mechanical shock
Proof pressure3
ELECTRICAL CONNECTION
12...30 V
9...30 V
9...30 V
1 mA
-55 to 100°C
-40 to 100°C
0 to 70°C
0 - 98 %RH
10 g
RMS
50 g
2 x rated pressure
MEDIA COMPATIBILITY
Wetted materials:
stainless steel 1.4404 (316L), ceramic AL
2O3, NBR
9
Housing:
stainless steel,protection class IP 64 (according to
DIN EN 60529) respectively NEMA 4X1
0...10 V, 0.5...4.5 V, 0...5 V, 1...6 V output
4...20 mA output
2
-Vs
4
+Vs
Vout
1
V
GND
12 (9) to 30 V
case
3
sensor
V
sensor
2
R
-Vs
4
GND
L
+Vs
N/C
1
9 to 30 V
case
3


Similar Part No. - CTE8002AD6

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTE526HNAF-100079 CT-CTE526HNAF-100079 Datasheet
90Kb / 1P
   From 0.03 關H to 0.53 關H
CTE526HNAF-100294 CT-CTE526HNAF-100294 Datasheet
90Kb / 1P
   From 0.03 關H to 0.53 關H
CTE526HNAF-100295 CT-CTE526HNAF-100295 Datasheet
90Kb / 1P
   From 0.03 關H to 0.53 關H
CTE526HNAF-100296 CT-CTE526HNAF-100296 Datasheet
90Kb / 1P
   From 0.03 關H to 0.53 關H
CTE526HNAF-100297 CT-CTE526HNAF-100297 Datasheet
90Kb / 1P
   From 0.03 關H to 0.53 關H
More results

Similar Description - CTE8002AD6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com