Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMA5913BT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. 1SMA5913BT3
Description  PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMA5913BT3 Datasheet(HTML) 1 Page - Motorola, Inc

  1SMA5913BT3 Datasheet HTML 1Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 2Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 3Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 4Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 5Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MOTOROLA
1SMA5913BT3 through 1SMA5945BT3
1.5 Watt Plastic Surface
Mount Silicon Zener Diodes
This complete new line of 1.5 Watt Zener Diodes offers the following
advantages.
Specification Features:
• Voltage Range – 3.3 to 68 V
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Flat Handling Surface for Accurate Placement
• Package Design for Top Side or Bottom Circuit Board Mounting
• Low Profile Package
• Available in Tape and Reel
• Ideal Replacement for MELF Packages
Mechanical Characteristics:
• Case: Void–free, transfer-molded plastic
• Maximum Case Temperature for Soldering Purposes: 260°C for
10 seconds
• Finish: All external surfaces are corrosion resistant with readily solderable
leads
• Polarity: Cathode indicated by molded polarity notch
• Mounted Position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
Rating
Symbol
Value
Unit
DC Power Dissipation @ TL = 75°C (Note 1)
Derate above 75
°C
PD
1.5
20
Watts
mW/
°C
DC Power Dissipation @ TA = 25°C (Note 1)
Derate above 25
°C
PD
900
7.2
mW
mW/
°C
Thermal Resistance from Junction to Lead
R
θJL
29
°C/W
Thermal Resistance from Junction to Ambient
R
θJA
111
°C/W
Peak Forward Surge @ TA = 25°C, (JEDEC Method, Note 3)
IFSM
20
Amps
Typical Ppk Dissipation @ TL < 25°C, (Note 2, PW–10/1000 µs per Figure 8)
Ppk
200
Watts
Typical Ppk Dissipation @ TL < 25°C, (Note 2, PW–8/20 µs per Figure 9)
Ppk
1000
Watts
Operating and Storage Junction Temperature Range
TJ, Tstg
150
°C
1. FR4 Board, using Motorola minimum recommended footprint, as shown in case 403B outline dimensions spec.
2. Non–repetitive current pulse.
3. Measured on 8.3 ms single half sine–wave or equivalent square wave, duty cycle = 4 pulse per minute maximum.
REV 1
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by 1SMA5913BT3/D
© Motorola, Inc. 1996
1SMA5913BT3
through
1SMA5945BT3
PLASTIC SURFACE
MOUNT ZENER
DIODES
1.5 WATTS
3.3–68 VOLTS
SMA
CASE 403B–01
PLASTIC


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn