Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMA5913BT3 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. 1SMA5913BT3
Description  PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMA5913BT3 Datasheet(HTML) 4 Page - Motorola, Inc

  1SMA5913BT3 Datasheet HTML 1Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 2Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 3Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 4Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 5Page - Motorola, Inc 1SMA5913BT3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOTOROLA
4
1SMA5913BT3 through 1SMA5945BT3
Rating and Typical Characteristic Curves (TA = 25°C)
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
= 10
µs
PEAK VALUE
Ippm
HALF VALUE – Ipp/2
10/1000
µs WAVEFORM
AS DEFINED BY R.E.A.
td
1000
Figure 6. Capacitance Curve
Figure 7. Typical Pulse Rating Curve
BREAKDOWN VOLTAGE (VOLTS)
Figure 8. Pulse Waveform
Figure 9. Pulse Waveform
10
100
100
10
0.01
10
0.1
1
10
1
0.1
0.01
TP, PULSE WIDTH (ms)
120
100
80
60
40
0
0
1
2
3
4
t, TIME (ms)
120
0
0.1
t, TIME (ms)
MEASURED @
ZERO BIAS
MEASURED @
VZ/2
TJ = 25°C
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, TJ = 25°C
20
5
100
80
60
40
20
0.04
0.06
0.08
8/20
µs WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801–5.
0.5 IPEAK
0.9 IPEAK
0.1 IPEAK
T
T = 8
µs
20
µs
0
0.02


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn