Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP8942A Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # AP8942A
Description  Standard CMOS process
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP8942A Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  AP8942A Datasheet HTML 1Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 2Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 3Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 4Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 5Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 6Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 7Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 8Page - Aplus Intergrated Circuits AP8942A Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Integrated Circuits Inc.
aP8942A
Ver 2.1
APR, 2007
5
VOICE SECTION COMBINATIONS
Voice files created by the PC base developing system are stored in the built-in EPROM of the
aP8942A chip as a number of fixed length Voice Blocks.
Voice Blocks are then selected and
grouped into Voice Groups for playback.
Up to 32 Voice Groups are allowed.
A Voice Block
Table is used to store the information of combinations of Voice Blocks and then group them
together to form Voice Group.
Chip
aP8942A
Memory size
1M bits
Max no. of Voice Block
252
No. of bytes per Voice Block
512
Max. no. of Voice Group
32
No. of Voice Table entries
960
Voice Length (@ 6KHz 4-bit ADPCM)
42 sec
Example of Voice Block Combination
Assume here we have three voice files, they are “How are You?”, Sound Effect and Music.
Each
of the voice file is divided into a number of fixed length Voice Block and stored into the memory.
Voice File 1 - “How are You?” is stored in Voice Block B0 to B12.
Voice File 2 - Sound Effect is stored in Voice Block B13 to B15.
Voice File 3 - Music is Voice Block B16 to B40.
Voice Blocks are grouped together using Voice Table to form Voice Group for playback:
Group no.
Voice Group contents
Voice Table Entries
Group 1
“How are You?”
B0 … B12
Group 2
Sound Effect + “How are You?”
B13 … B15 + B0 … B12
Group 3
“How are You?” + Music
B0 … B12 + B16 … B40
Group 4
Music
B16 … B40
Voice Data Compression
Voice File data is stored in the on-chip EPROM as either 4-bit ADPCM or 8-bit PCM format.
Voice data stored as 4-bit ADPCM provides 2:1 data compression which can save 50% of memory
space.
On the other hand, voice data are stored as 8-bit PCM format means no data compression is
employed but voice playback quality will be better.


Similar Part No. - AP8942A

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AP8942A APLUS-AP8942A_15 Datasheet
263Kb / 19P
   APLUS INTEGRATED CIRCUITS INC
More results

Similar Description - AP8942A

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AIVR8511 APLUS-AIVR8511 Datasheet
194Kb / 7P
   Standard CMOS process
AP8921A APLUS-AP8921A Datasheet
210Kb / 17P
   Standard CMOS process
AP89021 APLUS-AP89021 Datasheet
211Kb / 18P
   Standard CMOS process
AP89042 APLUS-AP89042 Datasheet
248Kb / 19P
   Standard CMOS process
AP89341 APLUS-AP89341 Datasheet
308Kb / 24P
   Standard CMOS process
AIVR1004 APLUS-AIVR1004_10 Datasheet
201Kb / 8P
   Standard CMOS process.
logo
Shenzhen Huazhimei Semi...
HM1668 HMSEMI-HM1668 Datasheet
518Kb / 13P
   Power CMOS process
logo
SELEC Controls Pvt. Ltd
PIC152N SELEC-PIC152N Datasheet
915Kb / 2P
   Standard Process Indicator
logo
Aplus Intergrated Circu...
AIVR1004 APLUS-AIVR1004 Datasheet
122Kb / 8P
   tandard CMOS process
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com