Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-622C-T3-SSC4E-G5 Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # C-13-622C-T3-SSC4E-G5
Description  622 Mbps Single Mode Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622C-T3-SSC4E-G5 Datasheet(HTML) 7 Page - Source Photonics, Inc.

  C-13-622C-T3-SSC4E-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-622C-T3-SSC4E-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-622C-T3-SSC4E-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-622C-T3-SSC4E-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-622C-T3-SSC4E-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-622C-T3-SSC4E-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-622C-T3-SSC4E-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
622 Mbps Single Mode Transceiver
C-13-622(C)-T(3)-SSC4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS111-Jul1106
Rev A.1
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:


Similar Part No. - C-13-622C-T3-SSC4E-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622C-TDFB-SSC4 SOURCE-C-13-622C-TDFB-SSC4 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622C-TDFB-SSC4-G5 SOURCE-C-13-622C-TDFB-SSC4-G5 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622C-TDFB-SSC4A SOURCE-C-13-622C-TDFB-SSC4A Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622C-TDFB-SSC4A-G5 SOURCE-C-13-622C-TDFB-SSC4A-G5 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622C-TDFB-SSC4AGR SOURCE-C-13-622C-TDFB-SSC4AGR Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
More results

Similar Description - C-13-622C-T3-SSC4E-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-147-622-TDFB-SSC4 SOURCE-C-147-622-TDFB-SSC4 Datasheet
493Kb / 7P
   622 Mbps CWDM Single Mode Transceiver
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC SOURCE-C-13-622-F-SLC Datasheet
1Mb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G_15 Datasheet
152Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com