Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP2-50E1A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # XRP2-50E1A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRP2-50E1A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  XRP2-50E1A0 Datasheet HTML 1Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 2Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 3Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 4Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 5Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 6Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 7Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 8Page - Bel Fuse Inc. XRP2-50E1A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
5 Vdc - 13.8 Vdc Input
0.6 Vdc - 5.0 Vdc/50 A Output
Non-Isolated
Output Over-Voltage Shutdown
High Efficiency
OCP/SCP
Fixed Switching Frequency
Low Output Ripple
Low Cost
Power Good Signal
Excellent Thermal Performance
Remote On/Off
Wide Input Voltage Range
Wide Output Trim Range
Description
The xRP2-50E1A0 is a non-isolated dc/dc converter that operates over a wide range of input voltage (Vin = 5 Vdc
- 13.8 Vdc). This unit can provide a precisely regulated output voltage from 0.6 Vdc to 5.0 Vdc and can deliver
up to 50 A of output current. This unit is designed to be highly efficient and low cost. The converter is provided in
an industry standard package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical Efficiency
(Vo=1.8 Vdc)
Part Number
Horizontal Mount
Part Number
Vertical Mount
0.6 V - 5.0 V
5.0 V - 13.8 V
50 A
250 W
86%
0RP2-50E1A0
VRP2-50E1A0
Notes
: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “G” suffix at the end of the model numbers listed above to indicate “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Ambient Temperature
0
°C
-
70
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo≤ 2.8 V
Vo > 2.8 V
5 V
1.8*Vo
12 V
12 V
13.8 V
13.8 V
Input Current (full load)
-
-
38 A
Input Reflected Ripple Current (pk-pk)
-
35 mA
-
Input Reflected Ripple Current (rms)
-
10 mA
-
With simulated source impedance of 1
uH, 5 Hz to 20 MHz. Use a 1000 uF/16 V
electrolytic capacitor with ESR=0.1 ohm
max, at 100 kHz at 25°C.
I
2t Inrush Current Transient
-
-
1 A
2s
Turn-on Voltage Threshold
4.4 V
4.6 V
4.8 V
Under Voltage Threshold
4.0 V
4.3 V
4.6 V
Note
: All specifications are typical at 25 °C unless otherwise stated.
xRP2-50E1A0
RoHS Compliant
Rev.E


Similar Part No. - XRP2-50E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRP2-50E1AX BEL-XRP2-50E1AX Datasheet
586Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRP2-50E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com