Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFMA2124-0.5W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA2124-0.5W
Description  21.2 - 23.6 GHz Power Amplifier MMIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA2124-0.5W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA2124-0.5W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA2124-0.5W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFMA2124-0.5W
UPDATED 10/25/2006
21.2 – 23.6 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2006
01 Package Outline
10X 0.004
0.025
0.040
2X DIA .090 THRU
RFMA2124
10X 0.013
4X 0.100
-0.5W-01
10X 0.100±0.010
RF IN
Vgg
4X 0.050
NC
RF OUT
NC
Vdd
Excelics
Vgg
PIN1 Indicator
0.200
NC
4X.050 CHAMFER
Vdd
NC
0.330
0.165
0.060
All dimensions in inches
ORDERING INFORMATION
Part Number
RFMA2124-0.5W-01
Refer 01 Package Outline
DISCLAIMER
EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY
EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE
SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR,
INC.
AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b)
support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in
the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


Similar Part No. - RFMA2124-0.5W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
More results

Similar Description - RFMA2124-0.5W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
   21.2 ??23.6 GHz 10 W GaN Power Amplifier
logo
Agilent(Hewlett-Packard...
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRR1-23XX HP-DRR1-23XX Datasheet
61Kb / 4P
   Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
logo
Hittite Microwave Corpo...
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
logo
United Monolithic Semic...
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
   21.2 - 23.6GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
   23 GHz Low Noise Amplifier (21.2-26.5 GHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com