Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-5012S-G50G Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-5012S-G50G
Description  1.0625節?.25Gbps GBIC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5012S-G50G Datasheet(HTML) 8 Page - Source Photonics, Inc.

  FTM-5012S-G50G Datasheet HTML 1Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 2Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1.25G GBIC Transceiver
50 km transmission
Preliminary Datasheet
Nov 14, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 8
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-11-15 下午 04:56
Ordering information
FTM
5
G
S
2
1
0
Medium
5: 1550nm
Function
0: Standard
Data rate
12: 1.25Gbps
Receptacle
S: SC
Package
G: GBIC
G
G: RoHS compliance
Distance
50: 50KM
50
Others
Part No.
Product Description
FTM-5012S-G50G
1550nm, 1.0625~1.25Gbps, 50km, GBIC, 0°C~+70°C,RoHS compliance
Related Documents
For further information, please refer to the following documents:
Flexon
TM GBIC Installation Guide
Flexon
TM GBIC Application Notes
SFF-8053, Proposed Specification for GBIC (Gigabit Interface Converter), Rev 5.5
Obtaining Document
You can visit our website:
http://www.fiberxon.com
Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest
documents.
Revision History
Revision
Initiate
Review
Approve
Subject
Release Date
Rev. 1a
Henry.xiao
Simon.Jiang Walker.Wei Initial datasheet
Nov 14, 2006


Similar Part No. - FTM-5012S-G50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
More results

Similar Description - FTM-5012S-G50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com