Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3413C-SLCG Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-3413C-SLCG
Description  100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3413C-SLCG Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-3413C-SLCG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 9Page - Source Photonics, Inc. FTM-3413C-SLCG Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
125M/1.25G Spring-Latch SFP Transceiver
10km transmission
Preliminary Datasheet
Oct. 15, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 10
board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a
laser fault of some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the
module with a 4.7k~10k
Ω resistor. Its states are:
Low (0~0.8V):
Transmitter on
(>0.8V, <2.0V):
Undefined
High (2.0~3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k
Ω resistor on
the host board. The pull-up voltage shall be VccT or VccR.
MOD-DEF 0 is grounded by the module to indicate that the module is present
MOD-DEF 1 is the clock line of two wire serial interface for serial ID
MOD-DEF 2 is the data line of two wire serial interface for serial ID
4. LOS is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board to
a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
In the low state, the output will be pulled to less than 0.8V.
5. These are the differential receiver output. They are internally AC-coupled 100Ω differential lines which
should be terminated with 100Ω (differential) at host with SGMII interface.
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100Ω differential
termination inside the module.
7. When hardware rate selection has higher priority than software configuration via I2C, this pin can be used
to select bit rate by host hardware.
SGMII Interface
SGMII uses two data signals and two clock signals to convey frame data and link rate information between a
100/1000 PHY and an Ethernet MAC. The data signals operate at 1.25 Gbaud and the clocks operate at 625
MHz (a DDR interface). Due to the speed of operation, each of these signals is realized as a differential pair
thus providing signal integrity while minimizing system noise.
However, specific implementations may desire to recover clock from the data rather than use the supplied
clock, such as in our transceiver design. This operation is allowed.
Clearly, SGMII’s 1.25 Gbaud transfer rate is excessive for interfaces operating at 100 Mbps. When these
situations occur, the interface “elongates” the frame by replicating each frame byte 10 times for 100 Mbps.
This frame elongation takes place “above” the 802.3z PCS layer, thus the start frame delimiter only appears
once per frame.The 802.3z PCS layer may remove the first byte of the “elongated” frame.
For further information about how to use transceivers with SGMII interface, please refer to the application note
of FTM-3413C-SLCG
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 4.


Similar Part No. - FTM-3413C-SLCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
More results

Similar Description - FTM-3413C-SLCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10ICG SOURCE-FTM-3401C-SL10ICG Datasheet
246Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
   1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Source Photonics, Inc.
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
   SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GE-LX-C ATGBICS-SFP-GE-LX-C Datasheet
322Kb / 9P
   SFP-GE-LX Redback Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LX-10-C ATGBICS-SFP-LX-10-C Datasheet
322Kb / 9P
   SFP-LX-10 ZyXEL Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com