Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9912S-SL10G Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # FTM-9912S-SL10G
Description  1.25Gbps Single Fiber Bi-directional SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9912S-SL10G Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button FTM-9912S-SL10G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 9Page - Source Photonics, Inc. FTM-9912S-SL10G Datasheet HTML 10Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
10km point-to-point transmission
`
Jun 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 11
63
1
CC_BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date codexx xx xx xx xx xx 20 20
Year(2 bytes), Month(2 bytes), Day (2 bytes)
92
1
Diagnostic type 58
Diagnostics(Ext.Cal)
93
1
Enhanced option
B0
Diagnostics (Optional Alarm/warning flags,
Soft
TX_FAULT
and
Soft
TX_LOS
monitoring)
94
1
SFF-8472
02
Diagnostics(SFF-8472 Rev 9.5)
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96—255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 7 and Table 8.
Figure 1, EEPROM Memory Map Specific Data Field Description
Table 7 - FTM-9612S-SL10iG/ FTM-9912S-SL10iG Monitoring Specification


Similar Part No. - FTM-9912S-SL10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9912S-SL15G SOURCE-FTM-9912S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9912S-SL15iG SOURCE-FTM-9912S-SL15iG Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9912S-SL10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com