Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9612S-SL10G Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FTM-9612S-SL10G
Description  1.25Gbps Single Fiber Bi-directional SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9612S-SL10G Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FTM-9612S-SL10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 9Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 10Page - Source Photonics, Inc. FTM-9612S-SL10G Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
10km point-to-point transmission
`
Jun 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 11 of 11
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN”AS IS” BASIS. In no event
will Fiberxon be liable for damages arising directly from any use of the information contained in this document.
Contact
U.S.A. Headquarter:
5201 Great America Parkway, Suite 340
Santa Clara, CA 95054
U. S. A.
Tel: 408-562-6288
Fax: 408-562-6289
Or visit our website: http://www.fiberxon.com


Similar Part No. - FTM-9612S-SL10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL15iG SOURCE-FTM-9612S-SL15iG Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9612S-SL10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com