Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9423T-FGHG Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-9423T-FGHG
Description  SFF GPON ONT Diplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9423T-FGHG Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-9423T-FGHG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9423T-FGHG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SFF GPON ONT Diplexer
FTM-9423P(T)-K(F)GH(i)G
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May. 15, 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 4 of 17
Note 5: Compatible with LVPECL input (See Recommended Interface Circuit)
Note 6: TX_BRST (See Pin Function Definitions)
Table 5 - Receiver Optical and Electrical Characteristics
FTM-9423P(T)-K(F)GHG
(0°C <TC<70°C and 3.13V<VCC<3.47V)
FTM-9423P(T)-K(F)GHiG
(-40°C <TC<85°C and 3.13V<VCC<3.47V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Operating Wavelength
1480
1490
1500
nm
Sensitivity
PSEN
-31
-29
Overload
POV
-7
dBm
1
Signal-Detected Assert Level
PSDA
-30
dBm
2
Signal-Detected Deassert Level
PSDD
-39
dBm
3
Signal-Detected Hysteresis
PSDA- PSDD
0.5
6
dB
Tolerance to Reflected Optical Power
10
dB
Receiver Reflectance
-20
dB
Power Supply Current
ICC_RX
150
mA
Data Output Differential Swing
VOUT
400
1000
mV
4
Signal-Detected Voltage - Low
VSD, L
0
0.4
V
Signal-Detected Voltage - High
VSD, H
2.4
VCC
V
5
Signal-Detected Assert Time
TASS
100
µs
Signal-Detected Deassert Time
TDAS
100
µs
Note 1: Measured with PRBS 2
23-1 plus 72bits CID test pattern @2488.32Mbit/s 1310nm, ER=10dB, BER =10-10
Note 2: An increase in optical power above the specified level will cause the Signal Detect output to switch from a
low state to a high state.
Note 3: A decrease in optical power below the specified level will cause the Signal Detect output to switch from a
high state to a low state.
Note 4: CML output, AC coupled internally, guaranteed in the full range of input optical power (See Recommended
Interface Circuit)
Note 5: SD (See Pin Function Definitions)
1244.16Mbit/s
x1/x4
0.22/0.78
x2/x3
0.40/0.60
y1/y4
0.17/0.83
y2/y3
0.20/0.80


Similar Part No. - FTM-9423T-FGHG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9423P-F10DCG SOURCE-FTM-9423P-F10DCG Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
More results

Similar Description - FTM-9423T-FGHG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
logo
List of Unclassifed Man...
ODP-34-PE ETC2-ODP-34-PE Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com