Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9423P-FGHIG Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FTM-9423P-FGHIG
Description  SFF GPON ONT Diplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9423P-FGHIG Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FTM-9423P-FGHIG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 10Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 11Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 12Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 13Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 14Page - Source Photonics, Inc. FTM-9423P-FGHIG Datasheet HTML 15Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SFF GPON ONT Diplexer
FTM-9423P(T)-K(F)GH(i)G
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May. 15, 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 11 of 17
92
1
Diagnostic
Monitoring Type
68
Compliant with SFF-8472 V9.5
Internally Calibrated
Received power measurement type
-Average Power
93
1
Enhanced Options
80
Diagnostics (Optional Alarm/warning flags)
94
1
SFF-8472
Compliance
02
Diagnostics Compliance(SFF-8472 V9.5)
95
1
CC_EXT
XX
Check sum of byte 64-94
96-255
164
Vendor Specific
Monitoring Specification
The digital diagnostic monitoring interface defines 256 bytes memory map in EEPROM, which makes use of the 8
bit address 1010001X(A2h). Please see Figure 7. Table 10~12 show the EEPROM definition from 0 to 119 byte,
please refer to the SFF-8472 Rev 9.5 for the data format of these tables. The monitoring specification of this
product is described in Table 13.
Figure 7 EEPROM Memory Map Specific Data Field Descriptions
Table 10 - EEPROM Serial ID Memory of the Alarm and Warning Thresholds Contents in A2h
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
00-01
2
Temp High Alarm
XX XX
02-03
2
Temp Low Alarm
XX XX
04-05
2
Temp High Warning
XX XX
Based on difference operation case
temperature class product


Similar Part No. - FTM-9423P-FGHIG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9423P-F10DCG SOURCE-FTM-9423P-F10DCG Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
More results

Similar Description - FTM-9423P-FGHIG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
logo
List of Unclassifed Man...
ODP-34-PE ETC2-ODP-34-PE Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com