Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS105PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS105PWR
Description  4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS105PWR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS105PWR Datasheet HTML 1Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 2Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 3Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS105PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
300 k
VCC
7 V
7 V
A
Input
B
Input
7 V
300 k
50
VCC
EN and
A (’LVDS105)
Input
VCC
5
7 V
Y or Z
Output
10 k
SN65LVDS104
SN65LVDS105
SLLS396F – SEPTEMBER 1999 – REVISED JANUARY 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The SN65LVDS104 and SN65LVDS105 are characterized for operation from –40
°C to 85°C.
The SN65LVDS104 and SN65LVDS105 are members of a family of LVDS repeaters. A brief overview of the
family is provided in the table below.
Selection Guide to LVDS Repeaters
DEVICE
NO. INPUTS
NO. OUTPUTS
PACKAGE
COMMENT
SN65LVDS22
2 LVDS
2 LVDS
16-pin D
Dual multiplexed LVDS repeater
SN65LVDS104
1 LVDS
4 LVDS
16-pin D
4-Port LVDS repeater
SN65LVDS105
1 LVTTL
4 LVDS
16-pin D
4-Port TTL-to-LVDS repeater
SN65LVDS108
1 LVDS
8 LVDS
38-pin DBT
8-Port LVDS repeater
SN65LVDS109
2 LVDS
8 LVDS
38-pin DBT
Dual 4-port LVDS repeater
SN65LVDS116
1 LVDS
16 LVDS
64-pin DGG
16-Port LVDS repeater
SN65LVDS117
2 LVDS
16 LVDS
64-pin DGG
Dual 8-port LVDS repeater
Function Tables(1)
SN65LVDS104
SN65LVDS105
INPUT
OUTPUT
INPUT
OUTPUT
VID = VA - VB
xEN
xY
xZ
A
ENx
xY
xZ
X
X
Z
Z
L
H
L
H
X
L
Z
Z
H
H
H
L
VID ≥ 100 mV
H
H
L
Open
H
L
H
–100 mV < VID < 100 mV
H
?
?
X
L
Z
Z
VID ≤ –100 mV
H
L
H
X
X
Z
Z
(1)
H = high level, L = low level, Z = high impedance, ? = indeterminate, X = don't care
2


Similar Part No. - SN65LVDS105PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS105PWR TI-SN65LVDS105PWR Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105PWR TI-SN65LVDS105PWR Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105PWRG4 TI-SN65LVDS105PWRG4 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105PWRG4 TI-SN65LVDS105PWRG4 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results

Similar Description - SN65LVDS105PWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com