Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFMA0912-1W-Q7 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA0912-1W-Q7
Description  9.50 - 11.70 GHz High-Gain Surface Mounted PA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA0912-1W-Q7 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA0912-1W-Q7 Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA0912-1W-Q7 Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA0912-1W-Q7 Datasheet HTML 3Page - Excelics Semiconductor, Inc. RFMA0912-1W-Q7 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RFMA0912-1W-Q7
UPDATED: 04/24/2008
9.50 – 11.70 GHz High-Gain Surface Mounted PA
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
FEATURES
9.50 – 11.70GHz Operating Frequency Range
30dBm Output Power @1dB Compression
30dB Typical Power Gain @1dB Compression
-41dBc OIMD3 @Pout = 20dBm/tone
7X7mm QFN Package
APPLICATIONS
Point-to-point and point-to-multipoint radio
Military Radar Systems
ELECTRICAL CHARACTERISTICS (TB=25 °C)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
9.50
11.70
GHz
P1dB
Output Power @1dB Gain Compression
29.0
30.0
dBm
G1dB
Gain @1dB Gain Compression
27.5
30.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Pout = 20dBm/tone
-41
-38
dBc
Input RL
Input Return Loss
-10
dB
Output RL
Output Return Loss
-6
dB
ID1
Drain Current
1
180
220
mA
ID2
Drain Current
1
800
1100
mA
VD1, VD2
Drain Voltage
7
8
V
VG1, VG2
Gate Voltage
-2.5
-0.3
V
Rth
Thermal Resistance
2
9
oC/W
Tb
Operating Base Plate Temperature
-30
+80
oC
1. Recommended to bias each amplifier stage separately using a gate voltage range, starting from -2.5 to -0.3V to achieve typical current levels.
2. Measured result when used with Excelics recommended evaluation board.
MAXIMUM RATINGS AT 25°C
3,4
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINOUS
VD1, VD2
Drain to Source Voltage
12V
8 V
VG1, VG2
Gate to Source Voltage
-5V
-2.5 V
ID1, ID2
Drain Current
Idss
220, 1100mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
15.0W
12.6W
3. Operation beyond absolute or continuous ratings may result in permanent damage or reduction of MTTF respectively.
4. Bias conditions must also satisfy the following equation VDS*IDS < (TCH –TB)/RTH; where TB = Temperature of Base Plate


Similar Part No. - RFMA0912-1W-Q7

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA0912-1W EXCELICS-RFMA0912-1W Datasheet
128Kb / 3P
   9.50 - 11.70 GHz Power Amplifier MMIC
More results

Similar Description - RFMA0912-1W-Q7

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA0912-0.5W EXCELICS-RFMA0912-0.5W Datasheet
98Kb / 2P
   9.50 - 11.70 GHz Power Amplifier MMIC
RFMA0912-1W EXCELICS-RFMA0912-1W Datasheet
128Kb / 3P
   9.50 - 11.70 GHz Power Amplifier MMIC
RFMA0912-2W EXCELICS-RFMA0912-2W Datasheet
92Kb / 2P
   9.50 - 11.70 GHz Power Amplifier MMIC
RFMA1720-0.5W-Q7 EXCELICS-RFMA1720-0.5W-Q7 Datasheet
130Kb / 3P
   17.7 - 19.7 GHz High Gain Surface-Mounted PA
RFMA1415-1W-Q7 EXCELICS-RFMA1415-1W-Q7 Datasheet
153Kb / 5P
   14.4 - 15.4 GHz High Gain Surface-Mounted PA
RFMA5065-0.5W-Q7 EXCELICS-RFMA5065-0.5W-Q7 Datasheet
130Kb / 3P
   5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA5065-1W-Q7 EXCELICS-RFMA5065-1W-Q7 Datasheet
131Kb / 3P
   5.0 - 6.5 GHz High Gain Surface-Mounted PA
RFMA1214-1W-Q7 EXCELICS-RFMA1214-1W-Q7 Datasheet
146Kb / 4P
   12.50 - 14.50 GHz High-Gain Surface Mounted PA
RFMA0912-0.5W-Q7 EXCELICS-RFMA0912-0.5W-Q7 Datasheet
133Kb / 3P
   9.5 - 11.7 GHz High Gain Surface-Mounted PA
RFMA5872-1W-Q7 EXCELICS-RFMA5872-1W-Q7 Datasheet
130Kb / 3P
   5.8 - 7.2 GHz High Gain Surface-Mounted PA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com