Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT3613 Datasheet(PDF) 31 Page - Texas Instruments

Part # SN74ABT3613
Description  64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT3613 Datasheet(HTML) 31 Page - Texas Instruments

Back Button SN74ABT3613 Datasheet HTML 24Page - Texas Instruments SN74ABT3613 Datasheet HTML 25Page - Texas Instruments SN74ABT3613 Datasheet HTML 26Page - Texas Instruments SN74ABT3613 Datasheet HTML 27Page - Texas Instruments SN74ABT3613 Datasheet HTML 28Page - Texas Instruments SN74ABT3613 Datasheet HTML 29Page - Texas Instruments SN74ABT3613 Datasheet HTML 30Page - Texas Instruments SN74ABT3613 Datasheet HTML 31Page - Texas Instruments SN74ABT3613 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
SN74ABT3613
64
× 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
WITH BUS MATCHING AND BYTE SWAPPING
SCBS128F – JULY 1992 – REVISED APRIL 1998
31
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
150
100
50
0
010
20
30
40
50
200
250
300
60
70
80
350
400
fdata = 1/2 fclock
TA = 25°C
CL = 0 pF
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 20


Similar Part No. - SN74ABT3613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3613 TI1-SN74ABT3613 Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-15PCB TI1-SN74ABT3613-15PCB Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-15PQ TI1-SN74ABT3613-15PQ Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-20PCB TI1-SN74ABT3613-20PCB Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613-20PQ TI1-SN74ABT3613-20PQ Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
More results

Similar Description - SN74ABT3613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3614 TI-SN74ABT3614 Datasheet
636Kb / 41P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613 TI1-SN74ABT3613_05 Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com