Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTU015A7 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # PTU015A7
Description  Pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTU015A7 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  PTU015A7 Datasheet HTML 1Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 2Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 3Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 4Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 5Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTE4000 / PTU4000 Series
Pressure transmitters
6/6
December 2008 / 096
www.sensortechnics.com
ORDERING INFORMATION
xTx(x)4
(x)xxx
x
x
BTE(M):
(m)bar calibration
PTU:
psi calibration
BTE(M)4000 series
001:
0 to 1 bar
N01:
0 to -1 bar
P01:
-1 to +1 bar
002:
0 to 2 bar
005:
0 to 5 bar
010:
0 to 10 bar
0070:
0 to 70 mbar
P070:
-70 to +70 mbar
N250:
0 to -250 mbar
0350:
0 to 350 mbar
N350:
0 to -350 mbar
P350: -350 to +350 mbar
PTU4000 series
001:
0 to 1 psi
P01:
-1 to +1 psi
005:
0 to 5 psi
P05:
-5 to +5 psi
015:
0 to 15 psi
P15:
-15 to +15 psi
030:
0 to 30 psi
100:
0 to 100 psi
150:
0 to 150 psi
Output signal
0:
0...10 V
1:
1...6 V
4:
4...20 mA
7:
0...5 V
Pressure mode
G:
gage pressure1
A:
absolute pressure
(available for pressure ranges
from 1 bar/15 psi upwards only)
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
IP 65 protection is given with locked connector only. The package is an all-sealed housing. For proper function, the gage port
is vented to the atmosphere through the connecting cable. Thus, the cable end must have access to the ambient pressure.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Full scale span is the algebraic difference between the positive full scale output and offset.
Thermal effects tested and guaranteed from 0 to 50°C relative to 25°C. All specifications shown are relative to 25°C.
Linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure.
Long term stability is the change in output after one year or 1 million pressure cycles.
Test are in accordance with EN61000-6-2, April 1999.
CE-labelling is in accordance with 89/336/EEC.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.


Similar Part No. - PTU015A7

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU001 CONQUER-PTU001 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU002 CONQUER-PTU002 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU004 CONQUER-PTU004 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU005 CONQUER-PTU005 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
logo
Sensortechnics GmbH
PTU005G4 SENSORTECHNICS-PTU005G4 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
More results

Similar Description - PTU015A7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com