Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMKC03-12S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PMKC03-12S05
Description  3 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PMKC03-12S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PMKC03-12S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD PMKC03-12S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD PMKC03-12S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple&Noise No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
PMKC03-05S33 4.5 – 6 VDC
3.3 VDC
60mA
600mA
75mVp-p
15mA
609mA
69
2200μF
PMKC03-05S05 4.5 – 6 VDC
5 VDC
60mA
600mA
75mVp-p
15mA
857mA
74
1000μF
PMKC03-05S12 4.5 – 6 VDC
12 VDC
25mA
250mA
120mVp-p
30mA
845mA
75
170μF
PMKC03-05S15 4.5 – 6 VDC
15 VDC
20mA
200mA
150mVp-p
25mA
845mA
75
110μF
PMKC03-05D05 4.5 – 6 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
15mA
870mA
73
± 500μF
PMKC03-05D12 4.5 – 6 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
20mA
845mA
75
± 96μF
PMKC03-05D15 4.5 – 6 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
50mA
845mA
75
± 47μF
PMKC03-05DS05 4.5 – 6 VDC V1:5VDC;V2:5VDC V1: 30mA;V2: 30mA V1:300mA;V2:300mA
75mVp-p
30mA
870mA
73
V1:500
μF;V2:500μF
PMKC03-05DS12 4.5 – 6 VDC V1:12VDC;V2:12VDC V1:12mA;V2:12mA V1:125mA;V2:125mA
120mVp-p
40mA
845mA
75
V1:96
μF;V2:96μF
PMKC03-05DS15 4.5 – 6 VDC V1:15VDC;V2:15VDC V1:10mA;V2:10mA V1:100mA;V2:100mA
150mVp-p
40mA
870mA
73
V1:47
μF;V2:47μF
PMKC03-12S33 9 – 18 VDC
3.3 VDC
60mA
600mA
75mVp-p
20mA
252mA
70
2200μF
PMKC03-12S05 9 – 18 VDC
5 VDC
60mA
600mA
75mVp-p
20mA
352mA
75
1000μF
PMKC03-12S12 9 – 18 VDC
12 VDC
25mA
250mA
120mVp-p
20mA
334mA
79
170μF
PMKC03-12S15 9 – 18 VDC
15 VDC
20mA
200mA
150mVp-p
30mA
334mA
79
110μF
PMKC03-12D05 9 – 18 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
20mA
357mA
74
± 500μF
PMKC03-12D12 9 – 18 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
35mA
334mA
79
± 96μF
PMKC03-12D15 9 – 18 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
45mA
334mA
79
± 47μF
PMKC03-12DS05 9 – 18 VDC
V1:5VDC;V2:5VDC V1: 30mA;V2: 30mA V1:300mA;V2:300mA
75mVp-p
10mA
357mA
74
V1:500
μF;V2:500μF
PMKC03-12DS12 9 – 18 VDC V1:12VDC;V2:12VDC V1:12mA;V2:12mA V1:125mA;V2:125mA
120mVp-p
15mA
334mA
79
V1:96
μF;V2:96μF
PMKC03-12DS15 9 – 18 VDC V1:15VDC;V2:15VDC V1:10mA;V2:10mA V1:100mA;V2:100mA
150mVp-p
30mA
334mA
79
V1:47
μF;V2:47μF
PMKC03-24S33 18 – 36 VDC
3.3 VDC
60mA
600mA
75mVp-p
10mA
126mA
70
2200μF
PMKC03-24S05 18 – 36 VDC
5 VDC
60mA
600mA
75mVp-p
10mA
174mA
76
1000μF
PMKC03-24S12 18 – 36 VDC
12 VDC
25mA
250mA
120mVp-p
20mA
165mA
80
170μF
PMKC03-24S15 18 – 36 VDC
15 VDC
20mA
200mA
150mVp-p
20mA
165mA
80
110μF
PMKC03-24D05 18 – 36 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
20mA
174mA
76
± 500μF
PMKC03-24D12 18 – 36 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
20mA
167mA
79
± 96μF
PMKC03-24D15 18 – 36 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
20mA
164mA
80
± 47μF
PMKC03-24DS05 18 – 36 VDC V1:5VDC;V2:5VDC V1: 30mA;V2: 30mA V1:300mA;V2:300mA
75mVp-p
20mA
174mA
76
V1:500
μF;V2:500μF
PMKC03-24DS12 18 – 36 VDC V1:12VDC;V2:12VDC V1:12mA;V2:12mA V1:125mA;V2:125mA
120mVp-p
20mA
167mA
79
V1:96
μF;V2:96μF
PMKC03-24DS15 18 – 36 VDC V1:15VDC;V2:15VDC V1:10mA;V2:10mA V1:100mA;V2:100mA
150mVp-p
20mA
164mA
80
V1:47
μF;V2:47μF
PMKC03-48S33 36 – 75 VDC
3.3 VDC
60mA
600mA
75mVp-p
10mA
61mA
72
2200μF
PMKC03-48S05 36 – 75 VDC
5 VDC
60mA
600mA
75mVp-p
10mA
88mA
75
1000μF
PMKC03-48S12 36 – 75 VDC
12 VDC
25mA
250mA
120mVp-p
10mA
84mA
79
170μF
PMKC03-48S15 36 – 75 VDC
15 VDC
20mA
200mA
150mVp-p
10mA
84mA
79
110μF
PMKC03-48D05 36 – 75 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
10mA
86mA
77
± 500μF
PMKC03-48D12 36 – 75 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
10mA
84mA
79
± 96μF
PMKC03-48D15 36 – 75 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
10mA
84mA
79
± 47μF
PMKC03-48DS05 36 – 75 VDC V1:5VDC;V2:5VDC V1: 30mA;V2: 30mA V1:300mA;V2:300mA
75mVp-p
10mA
86mA
77
V1:500
μF;V2:500μF
PMKC03-48DS12 36 – 75 VDC V1:12VDC;V2:12VDC V1:12mA;V2:12mA V1:125mA;V2:125mA
120mVp-p
10mA
84mA
79
V1:96
μF;V2:96μF
PMKC03-48DS15 36 – 75 VDC V1:15VDC;V2:15VDC V1:10mA;V2:10mA V1:100mA;V2:100mA
150mVp-p
10mA
84mA
79
V1:47
μF;V2:47μF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
7.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.


Similar Part No. - PMKC03-12S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03-12S05 ETC1-PMKC03-12S05 Datasheet
124Kb / 3P
   3 Watts of Output Power From a Package
logo
RSG Electronic Componen...
PMKC03-12S05 RSG-PMKC03-12S05 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PMKC03-12S05 P-DUKE-PMKC03-12S05 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PMKC03-12S05

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com