Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS389DBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS389DBT
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS389DBT Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS389DBT Datasheet HTML 1Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 2Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 3Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 4Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 5Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 6Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 7Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 8Page - Texas Instruments SN75LVDS389DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Four (’391), Eight (’389) or Sixteen (’387)
Line Drivers Meet or Exceed the
Requirements of ANSI EIA / TIA-644
Standard
D Designed for Signaling Ratesup to
630 Mbps With Very Low Radiation (EMI)
D Low-Voltage Differential Signaling With
Typical Output Voltage of 350 mV and a
100-
Ω Load
D Propagation Delay Times Less Than 2.9 ns
D Output Skew Is Less Than 150 ps
D Part-to-Part Skew Is Less Than 1.5 ns
D 35-mW Total Power Dissipation in Each
Driver Operating at 200 MHz
D Driver Is High Impedance When Disabled or
With VCC < 1.5 V
D SN65’ Version Bus-Pin ESD Protection
Exceeds 15 kV
D Packaged in Thin Shrink Small-Outline
Package With 20-mil Terminal Pitch
D Low-Voltage TTL (LVTTL) Logic Inputs Are
5-V Tolerant
description
This family of four, eight, and sixteen differential
line drivers implements the electrical characteris-
tics of low-voltage differential signaling (LVDS).
This signaling technique lowers the output voltage
levels of 5-V differential standard levels (such as
EIA/TIA-422B) to reduce the power, increase the
switching speeds, and allow operation with a
3.3-V supply rail. Any of the sixteen current-mode
drivers will deliver a minimum differential output
voltage magnitude of 247 mV into a 100-
Ω load
when enabled.
The intended application of this device and signaling technique is for point-to-point and multidrop baseband data
transmission over controlled impedance media of approximately 100
Ω. The transmission media can be
printed-circuit board traces, backplanes, or cables. The large number of drivers integrated into the same
substrate, along with the low pulse skew of balanced signaling, allows extremely precise timing alignment of
clock and data for synchronous parallel data transfers. When used with the companion 16- or 8-channel
receivers, the SN65LVDS386 or SN65LVDS388, over 300 million data transfers per second in single-edge
clocked systems are possible with very little power. (Note: The ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of the media, the noise coupling to the environment, and other
system characteristics.)
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Signaling rate, 1/t, where t is the minimum unit interval and is expressed in the units bits/s (bits per second)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
VCC
VCC
GND
ENA
A1A
A2A
A3A
A4A
ENB
B1A
B2A
B3A
B4A
GND
VCC
VCC
GND
C1A
C2A
C3A
C4A
ENC
D1A
D2A
D3A
D4A
END
GND
VCC
VCC
GND
A1Y
A1Z
A2Y
A2Z
A3Y
A3Z
A4Y
A4Z
B1Y
B1Z
B2Y
B2Z
B3Y
B3Z
B4Y
B4Z
C1Y
C1Z
C2Y
C2Z
C3Y
C3Z
C4Y
C4Z
D1Y
D1Z
D2Y
D2Z
D3Y
D3Z
D4Y
D4Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VCC
GND
ENA
A1A
A2A
A3A
A4A
GND
VCC
GND
B1A
B2A
B3A
B4A
ENB
GND
VCC
GND
A1Y
A1Z
A2Y
A2Z
A3Y
A3Z
A4Y
A4Z
NC
NC
NC
B1Y
B1Z
B2Y
B2Z
B3Y
B3Z
B4Y
B4Z
’LVDS389
DBT PACKAGE
(TOP VIEW)
’LVDS387
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN1,2
1A
2A
VCC
GND
3A
4A
EN3,4
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z
’LVDS391
D OR PW PACKAGE
(TOP VIEW)


Similar Part No. - SN75LVDS389DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS389DBT TI-SN75LVDS389DBT Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS389DBT TI-SN75LVDS389DBT Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS389DBT TI1-SN75LVDS389DBT Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS389DBTG4 TI-SN75LVDS389DBTG4 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS389DBTG4 TI-SN75LVDS389DBTG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS389DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com