Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS95DGG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS95DGG
Description  LVDS SERDES TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS95DGG Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS95DGG Datasheet HTML 3Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 4Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 9Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 10Page - Texas Instruments SN65LVDS95DGG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN65LVDS95
LVDS SERDES TRANSMITTER
SLLS297F – MAY 1998 – REVISED FEBRUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0 V
YP
YM
VID
49.9
Ω ±1%
(2 Places)
VOC
CL = 10 pF MAX
(2 Places)
VOD(L)
VOD(H)
VOC(PP)
0 V
VOC(SS)
VOC(SS)
tf
tr
100%
80%
20%
0%
NOTE: The lumped instrumentation capacitance for any single ended voltage
measurement is less than or equal to 10 pF. When making measurements
at YP or YM, the complementary output shall be similarly loaded.
Figure 3. Test Load and Voltage Definitions for LVDS Outputs
CLKIN
EVEN Dn
ODD Dn
T
VIH = 2 V and VIL = 0.8 V
Figure 4. Worst-CasePower Test Pattern
‡ The worst-case test pattern produces nearly the maximum switching frequency for all of the LV-TTL outputs.


Similar Part No. - SN65LVDS95DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS95DGG TI-SN65LVDS95DGG Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGG4 TI-SN65LVDS95DGGG4 Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGREP TI1-SN65LVDS95DGGREP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGRG4 TI-SN65LVDS95DGGRG4 Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results

Similar Description - SN65LVDS95DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com