Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS94DGG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS94DGG
Description  LVDS SERDES RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS94DGG Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS94DGG Datasheet HTML 3Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 4Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 9Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 10Page - Texas Instruments SN65LVDS94DGG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN65LVDS94
LVDS SERDES RECEIVER
SLLS298E – MAY 1998 – REVISED FEBRUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLKIN/
CLKOUT
EVEN Dn
ODD Dn
T
Figure 4. Worst-Case Power Test Pattern
‡ The worst-case test pattern produces nearly the maximum switching frequency for all of the LV-TTL outputs.
70%
tsu
CLKOUT
D0–27
30%
70%
30%
VOH
VOH
VOL
VOL
th
Figure 5. Setup and Hold Time Measurements


Similar Part No. - SN65LVDS94DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS94DGG TI-SN65LVDS94DGG Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGR TI-SN65LVDS94DGGR Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGRG4 TI-SN65LVDS94DGGRG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results

Similar Description - SN65LVDS94DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS96DGGR TI1-SN65LVDS96DGGR Datasheet
340Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com