Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTU5100D4A Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # PTU5100D4A
Description  Precision differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTU5100D4A Datasheet(HTML) 6 Page - Sensortechnics GmbH

  PTU5100D4A Datasheet HTML 1Page - Sensortechnics GmbH PTU5100D4A Datasheet HTML 2Page - Sensortechnics GmbH PTU5100D4A Datasheet HTML 3Page - Sensortechnics GmbH PTU5100D4A Datasheet HTML 4Page - Sensortechnics GmbH PTU5100D4A Datasheet HTML 5Page - Sensortechnics GmbH PTU5100D4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
6/6
June 2008 / 101
www.sensortechnics.com
ORDERING INFORMATION
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
g
n
i
t
t
i
F
r
e
b
m
u
n
r
e
d
r
O
t
u
p
t
u
o
V
6
.
.
.
1t
u
p
t
u
o
A
m
0
2
.
.
.
4
n
o
i
s
r
e
v
r
o
t
c
e
n
n
o
Cn
o
i
s
r
e
v
e
l
b
a
Cn
o
i
s
r
e
v
r
o
t
c
e
n
n
o
Cn
o
i
s
r
e
v
e
l
b
a
C
r
a
b
m
5
2
o
t
0
P
S
B
"
8
/
1
A
1
D
5
2
0
0
5
M
E
T
BC
1
D
5
2
0
0
5
M
E
T
BA
4
D
5
2
0
0
5
M
E
T
BC
4
D
5
2
0
0
5
M
E
T
B
r
a
b
m
5
2
±
o
t
0A
1
D
5
2
0
P
5
M
E
T
BC
1
D
5
2
0
P
5
M
E
T
BA
4
D
5
2
0
P
5
M
E
T
BC
4
D
5
2
0
P
5
M
E
T
B
r
a
b
m
0
7
o
t
0A
1
D
0
7
0
0
5
M
E
T
BC
1
D
0
7
0
0
5
M
E
T
BA
4
D
0
7
0
0
5
M
E
T
BC
4
D
0
7
0
0
5
M
E
T
B
r
a
b
m
0
7
±
o
t
0A
1
D
0
7
0
P
5
M
E
T
BC
1
D
0
7
0
P
5
M
E
T
BA
4
D
0
7
0
P
5
M
E
T
BC
4
D
0
7
0
P
5
M
E
T
B
r
a
b
m
0
5
3
o
t
0A
1
D
0
5
3
0
5
M
E
T
BC
1
D
0
5
3
0
5
M
E
T
BA
4
D
0
5
3
0
5
M
E
T
BC
4
D
0
5
3
0
5
M
E
T
B
r
a
b
m
0
5
3
±
o
t
0A
1
D
0
5
3
P
5
M
E
T
BC
1
D
0
5
3
P
5
M
E
T
BA
4
D
0
5
3
P
5
M
E
T
BC
4
D
0
5
3
P
5
M
E
T
B
r
a
b
1
o
t
0A
1
D
1
0
0
5
E
T
BC
1
D
1
0
0
5
E
T
BA
4
D
1
0
0
5
E
T
BC
4
D
1
0
0
5
E
T
B
r
a
b
1
±
o
t
0A
1
D
1
0
P
5
E
T
BC
1
D
1
0
P
5
E
T
BA
4
D
1
0
P
5
E
T
BC
4
D
1
0
P
5
E
T
B
r
a
b
2
o
t
0A
1
D
2
0
0
5
E
T
BC
1
D
2
0
0
5
E
T
BA
4
D
2
0
0
5
E
T
BC
4
D
2
0
0
5
E
T
B
r
a
b
5
o
t
0A
1
D
5
0
0
5
E
T
BC
1
D
5
0
0
5
E
T
BA
4
D
5
0
0
5
E
T
BC
4
D
5
0
0
5
E
T
B
r
a
b
0
1
o
t
0A
1
D
0
1
0
5
E
T
BC
1
D
0
1
0
5
E
T
BA
4
D
0
1
0
5
E
T
BC
4
D
0
1
0
5
E
T
B
i
s
p
3
.
0
o
t
0A
1
D
3
.
0
0
0
5
E
T
PC
1
D
3
.
0
0
0
5
E
T
PA
4
D
3
.
0
0
0
5
E
T
PC
4
D
3
.
0
0
0
5
E
T
P
i
s
p
1
o
t
0A
1
D
1
0
0
5
E
T
PC
1
D
1
0
0
5
E
T
PA
4
D
1
0
0
5
E
T
PC
4
D
1
0
0
5
E
T
P
i
s
p
1
±
o
t
0A
1
D
1
0
P
5
E
T
PC
1
D
1
0
P
5
E
T
PA
4
D
1
0
P
5
E
T
PC
4
D
1
0
P
5
E
T
P
i
s
p
5
o
t
0A
1
D
5
0
0
5
E
T
PC
1
D
5
0
0
5
E
T
PA
4
D
5
0
0
5
E
T
PC
4
D
5
0
0
5
E
T
P
i
s
p
5
±
o
t
0A
1
D
5
0
P
5
E
T
PC
1
D
5
0
P
5
E
T
PA
4
D
5
0
P
5
E
T
PC
4
D
5
0
P
5
E
T
P
i
s
p
5
1
o
t
0A
1
D
5
1
0
5
E
T
PC
1
D
5
1
0
5
E
T
PA
4
D
5
1
0
5
E
T
PC
4
D
5
1
0
5
E
T
P
i
s
p
5
1
±
o
t
0A
1
D
5
1
P
5
E
T
PC
1
D
5
1
P
5
E
T
PA
4
D
5
1
P
5
E
T
PC
4
D
5
1
P
5
E
T
P
i
s
p
0
3
o
t
0A
1
D
0
3
0
5
E
T
PC
1
D
0
3
0
5
E
T
PA
4
D
0
3
0
5
E
T
PC
4
D
0
3
0
5
E
T
P
i
s
p
0
0
1
o
t
0A
1
D
0
0
1
5
E
T
PC
1
D
0
0
1
5
E
T
PA
4
D
0
0
1
5
E
T
PC
4
D
0
0
1
5
E
T
P
i
s
p
0
5
1
o
t
0A
1
D
0
5
1
5
E
T
PC
1
D
0
5
1
5
E
T
PA
4
D
0
5
1
5
E
T
PC
4
D
0
5
1
5
E
T
P
i
s
p
3
.
0
o
t
0
T
P
N
"
8
/
1
A
1
D
3
.
0
0
0
5
U
T
PC
1
D
3
.
0
0
0
5
U
T
PA
4
D
3
.
0
0
0
5
U
T
PC
4
D
3
.
0
0
0
5
U
T
P
i
s
p
1
o
t
0A
1
D
1
0
0
5
U
T
PC
1
D
1
0
0
5
U
T
PA
4
D
1
0
0
5
U
T
PC
4
D
1
0
0
5
U
T
P
i
s
p
1
±
o
t
0A
1
D
1
0
P
5
U
T
PC
1
D
1
0
P
5
U
T
PA
4
D
1
0
P
5
U
T
PC
4
D
1
0
P
5
U
T
P
i
s
p
5
o
t
0A
1
D
5
0
0
5
U
T
PC
1
D
5
0
0
5
U
T
PA
4
D
5
0
0
5
U
T
PC
4
D
5
0
0
5
U
T
P
i
s
p
5
±
o
t
0A
1
D
5
0
P
5
U
T
PC
1
D
5
0
P
5
U
T
PA
4
D
5
0
P
5
U
T
PC
4
D
5
0
P
5
U
T
P
i
s
p
5
1
o
t
0A
1
D
5
1
0
5
U
T
PC
1
D
5
1
0
5
U
T
PA
4
D
5
1
0
5
U
T
PC
4
D
5
1
0
5
U
T
P
i
s
p
5
1
±
o
t
0A
1
D
5
1
P
5
U
T
PC
1
D
5
1
P
5
U
T
PA
4
D
5
1
P
5
U
T
PC
4
D
5
1
P
5
U
T
P
i
s
p
0
3
o
t
0A
1
D
0
3
0
5
U
T
PC
1
D
0
3
0
5
U
T
PA
4
D
0
3
0
5
U
T
PC
4
D
0
3
0
5
U
T
P
i
s
p
0
0
1
o
t
0A
1
D
0
0
1
5
U
T
PC
1
D
0
0
1
5
U
T
PA
4
D
0
0
1
5
U
T
PC
4
D
0
0
1
5
U
T
P
i
s
p
0
5
1
o
t
0A
1
D
0
5
1
5
U
T
PC
1
D
0
5
1
5
U
T
PA
4
D
0
5
1
5
U
T
PC
4
D
0
5
1
5
U
T
P
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.


Similar Part No. - PTU5100D4A

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU CONQUER-PTU Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.250 CONQUER-PTU.250 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.315 CONQUER-PTU.315 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.400 CONQUER-PTU.400 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.500 CONQUER-PTU.500 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
More results

Similar Description - PTU5100D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com