Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTUP01G0 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # PTUP01G0
Description  Pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTUP01G0 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  PTUP01G0 Datasheet HTML 1Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 2Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 3Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 4Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 5Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BTE4000 / PTU4000 Series
Pressure transmitters
1/6
December 2008 / 096
www.sensortechnics.com
FEATURES
· 0...-1 to 0...10 bar absolute or gage1,
0...-15 to 0...150 psi gage1
· 0...5 V, 0...10 V, 1...6 V, 4...20 mA output
· Field interchangeable
· Rugged aluminium housing
SPECIFICATIONS9,10
Maximum ratings
Supply voltage (reverse polarity protection)2
BTE(M)/PTU4...0, ...1, ...7
13...30 V
BTE(M)/PTU4...4
12...36 V
Maximum load current
BTE(M)/PTU4...0, ...1, ...7
10 mA
Temperature limits
Storage
-55 to 100°C
Operating
-40 to 100°C
Compensated
0 to 50°C
Humidity limits
0 - 100 %RH
Vibration (5 to 500 Hz)
2 g
Mechanical shock
50 g
Proof pressure3
BTEM4.../PTU4x01..., 05...
1.4 bar / 20 psi
BTE4010.../PTU4150...
16 bar / 200 psi
all others
2 x rated pressure
ELECTRICAL CONNECTION
MEDIA COMPATIBILITY
Wetted materials:
aluminium, silicon, glass
Housing:
Aluminium, protection class IP 65 (according to
DIN EN 60529) respectively NEMA 41
-Vs
2
3
L
V
R
GND
12 ... 36 V
+Vs
N/C
1
+Vs
Vout
3
-Vs
2
1
GND
V
13 ... 30 V
sensor
sensor
0...5 V, 0...10 V, 1...6 V output
4...20 mA output


Similar Part No. - PTUP01G0

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU CONQUER-PTU Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.250 CONQUER-PTU.250 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.315 CONQUER-PTU.315 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.400 CONQUER-PTU.400 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.500 CONQUER-PTU.500 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
More results

Similar Description - PTUP01G0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com