Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTE5030D4A Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # PTE5030D4A
Description  Precision differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTE5030D4A Datasheet(HTML) 4 Page - Sensortechnics GmbH

  PTE5030D4A Datasheet HTML 1Page - Sensortechnics GmbH PTE5030D4A Datasheet HTML 2Page - Sensortechnics GmbH PTE5030D4A Datasheet HTML 3Page - Sensortechnics GmbH PTE5030D4A Datasheet HTML 4Page - Sensortechnics GmbH PTE5030D4A Datasheet HTML 5Page - Sensortechnics GmbH PTE5030D4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
4/6
June 2008 / 101
www.sensortechnics.com
ELECTROMAGNETIC CAPABILITY9
LOAD LIMITATION
4...20 mA output versions
operating
0
200
400
10
20
1000
600
800
Ohm
1200
30
Vsupply
V
range
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
Ce
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
)
I
F
R
(
y
t
i
n
u
m
m
i
:
3
-
4
-
0
0
0
1
6
N
E3
e
d
a
r
G
z
H
M
0
0
0
1
o
t
z
H
M
0
8
,
m
/
V
0
1
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
E3
e
d
a
r
G
V
k
2
±
BO
S
F
%
1
<
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
y
t
i
n
u
m
m
i
:
2
-
4
-
0
0
0
1
6
N
E4
e
d
a
r
G
e
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
BO
S
F
%
1
<
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
y
b
d
e
c
u
d
n
i
s
e
c
n
a
b
r
u
t
s
i
d
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
:
6
-
4
-
0
0
0
1
6
N
E3
e
d
a
r
G
z
H
M
0
8
o
t
5
1
,
0
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<
RECOMMENDED CABLE/CONNECTOR ACCESSORY
for connector version
Order number ZK000101, other cable length on special request
Flying lead end
brown
green
white + shield
yellow
Pin
1
2
3
4
PIN CONNECTION
Included in delivery!
Ø 20
M12 x 1
NOM
60
NOM 2 m


Similar Part No. - PTE5030D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PTE5000D1A SENSORTECHNICS-PTE5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D1C SENSORTECHNICS-PTE5000D1C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4A SENSORTECHNICS-PTE5000D4A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4C SENSORTECHNICS-PTE5000D4C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
More results

Similar Description - PTE5030D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com