Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTU6250G4 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # PTU6250G4
Description  Precision stainless steel pressure transmitters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTU6250G4 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  PTU6250G4 Datasheet HTML 1Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 2Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 3Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 4Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 5Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 6Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 7Page - Sensortechnics GmbH PTU6250G4 Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BTE6000 / PTU6000 Series
Precision stainless steel pressure transmitters
5/8
December 2008 / 102
www.sensortechnics.com
OUTPUT CHARACTERISTICS
0...10 V output version
1...6 V output version
4...20 mA output version
0...20 mA output version
operating pressure
BTE/PTU6P...
-40
-100 -80 -60
-20
0 +20
2
1
4
3
Vout
V
6
5
8
7
BTE/PTU6N...
10
9
+100
+40 +60 +80
%
all others
BTE/PTU6P...
operating pressure
-100
2
1
4
3
-40
-80 -60
-20
0
+20
6
5
8
7
10
9
+100
+40 +60 +80
%
Vout
V
all others
BTE/PTU6N...
operating pressure
-100
4
2
8
6
-40
-80 -60
-20
0
+20
14
12
10
16
20
18
+100
+80
+40 +60
%
Iout
mA
BTE/PTU6N...
BTE/PTU6P...
all others
BTE/PTU6P...
operating pressure
BTE/PTU6N...
-40
-100
-60
-80
-20
0
+20
2
4
8
6
Iout
mA
12
10
14
16
20
18
+100
+40 +60 +80
%
all others


Similar Part No. - PTU6250G4

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU6.30 CONQUER-PTU6.30 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
More results

Similar Description - PTU6250G4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com