Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS180D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS180D
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS180D Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS180D Datasheet HTML 1Page - Texas Instruments SN65LVDS180D Datasheet HTML 2Page - Texas Instruments SN65LVDS180D Datasheet HTML 3Page - Texas Instruments SN65LVDS180D Datasheet HTML 4Page - Texas Instruments SN65LVDS180D Datasheet HTML 5Page - Texas Instruments SN65LVDS180D Datasheet HTML 6Page - Texas Instruments SN65LVDS180D Datasheet HTML 7Page - Texas Instruments SN65LVDS180D Datasheet HTML 8Page - Texas Instruments SN65LVDS180D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
50
VCC
7 V
D or
RE
Input
300 k
50
VCC
7 V
DE
Input
5
10 k
7 V
Y or Z
Output
VCC
7 V
VCC
7 V
R Output
VCC
5
B Input
A Input
300 k
300 k
7 V
SN65LVDS179,, SN65LVDS180
SN65LVDS050, SN65LVDS051
SLLS301M – APRIL 1998 – REVISED JANUARY 2007
SN65LVDS180, SN65LVDS050, and
SN65LVDS051 RECEIVER(1)
INPUTS
OUTPUT
VID = VA - VB
RE
R
VID≥ 50 mV
L
H
50 mV < VID < 50 mV
L
?
VID≤ -50 mV
L
L
Open
L
H
X
H
Z
(1)
H = high level, L = low level, Z = high impedance, X = don't care,
? = indeterminate
SN65LVDS180, SN65LVDS050, and
SN65LVDS051 DRIVER(1)
INPUTS
OUTPUTS
D
DE
Y
Z
L
H
L
H
H
H
H
L
Open
H
L
H
X
L
Off
Off
(1)
H = high level, L = low level, Z = high impedance, X = don't care,
Off = no output
3
Submit Documentation Feedback


Similar Part No. - SN65LVDS180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS180D TI-SN65LVDS180D Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180D TI-SN65LVDS180D Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180D TI1-SN65LVDS180D Datasheet
1Mb / 50P
[Old version datasheet]   High-Speed Differential Line Drivers
SN65LVDS180DG4 TI-SN65LVDS180DG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180DG4 TI-SN65LVDS180DG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com