Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTUL5002D1C Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # PTUL5002D1C
Description  Precision very low differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTUL5002D1C Datasheet(HTML) 6 Page - Sensortechnics GmbH

  PTUL5002D1C Datasheet HTML 1Page - Sensortechnics GmbH PTUL5002D1C Datasheet HTML 2Page - Sensortechnics GmbH PTUL5002D1C Datasheet HTML 3Page - Sensortechnics GmbH PTUL5002D1C Datasheet HTML 4Page - Sensortechnics GmbH PTUL5002D1C Datasheet HTML 5Page - Sensortechnics GmbH PTUL5002D1C Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTEL5000 / PTUL5000 Series
Precision very low differential pressure transmitters
6/6
June 2008 / 094
www.sensortechnics.com
Ø 20
M12 x 1
NOM
60
NOM 2 m
BTEL5/PTUL5
x
xx
D
x
x
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
Calibration
BTEL: calibration in mbar
PTUL: calibration in "H
2O
Reading
0:
unidirectional reading
P:
bidirectional reading
Pressure range
01:
1 mbar / 1 "H
2O
02:
2 mbar / 2 "H
2O
05:
5 mbar / 5 "H
2O
10:
10 mbar /10 "H
2O
Electrical connection
A: connector version
C: cable version
Output signal
1:
1...6 V
4:
4...20 mA
Differential pressure
RECOMMENDED CABLE/CONNECTOR ACCESSORY
for connector version
Order number ZK000101, other cable lengths on special request
Flying lead end
brown
green
white + shield
yellow
Pin
1
2
3
4
PIN CONNECTION
dimensions in mm
(0...1 mbar not available
for output signal 1...6 V)
Included in delivery!
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.


Similar Part No. - PTUL5002D1C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PTUL5000D1A SENSORTECHNICS-PTUL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
PTUL5000D1C SENSORTECHNICS-PTUL5000D1C Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
PTUL5000D4A SENSORTECHNICS-PTUL5000D4A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
PTUL5000D4C SENSORTECHNICS-PTUL5000D4C Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
PTUL5001D1A SENSORTECHNICS-PTUL5001D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
More results

Similar Description - PTUL5002D1C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com