Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS22 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS22
Description  DUAL MULTIPLEXED LVDS REPEATERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS22 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS22 Datasheet HTML 5Page - Texas Instruments SN65LVDS22 Datasheet HTML 6Page - Texas Instruments SN65LVDS22 Datasheet HTML 7Page - Texas Instruments SN65LVDS22 Datasheet HTML 8Page - Texas Instruments SN65LVDS22 Datasheet HTML 9Page - Texas Instruments SN65LVDS22 Datasheet HTML 10Page - Texas Instruments SN65LVDS22 Datasheet HTML 11Page - Texas Instruments SN65LVDS22 Datasheet HTML 12Page - Texas Instruments SN65LVDS22 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SN65LVDS22, SN65LVDM22
DUAL MULTIPLEXED LVDS REPEATERS
SLLS315– DECEMBER 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
fail safe
One of the most common problems with differential signaling applications is how the system responds when
no differential voltage is present on the signal pair. The LVDS receiver is like most differential line receivers, in
that its output logic state can be indeterminate when the differential input voltage is between –100 mV and 100
mV and within its recommended input common-mode voltage range. TI’s LVDS receiver is different in how it
handles the open-input circuit situation, however.
Open-circuit means that there is little or no input current to the receiver from the data line itself. This could be
when the driver is in a high-impedance state or the cable is disconnected. When this occurs, the LVDS receiver
will pull each line of the signal pair to near VCC through 300-kΩ resistors as shown in Figure 11. The fail-safe
feature uses an AND gate with input voltage thresholds at about 2.3 V to detect this condition and force the
output to a high-level regardless of the differential input voltage.
Rt = 100
Ω (Typ)
300 k
300 k
VCC
VIT ≈ 2.3 V
A
B
Y
Figure 11. Open-Circuit Fail Safe of the LVDS Receiver
It is only under these conditions that the output of the receiver will be valid with less than a 100 mV differential
input voltage magnitude. The presence of the termination resistor, Rt, does not affect the fail-safe function as
long as it is connected as shown in the figure. Other termination circuits may allow a dc current to ground that
could defeat the pull-up currents from the receiver and the fail-safe feature.


Similar Part No. - SN65LVDS22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22D TI-SN65LVDS22D Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22DG4 TI-SN65LVDS22DG4 Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22DR TI-SN65LVDS22DR Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results

Similar Description - SN65LVDS22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22_07 Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
logo
Fairchild Semiconductor
AN-5045 FAIRCHILD-AN-5045 Datasheet
50Kb / 2P
   High Speed LVDS Repeaters
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com