Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS22 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS22
Description  DUAL MULTIPLEXED LVDS REPEATERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS22 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS22 Datasheet HTML 4Page - Texas Instruments SN65LVDS22 Datasheet HTML 5Page - Texas Instruments SN65LVDS22 Datasheet HTML 6Page - Texas Instruments SN65LVDS22 Datasheet HTML 7Page - Texas Instruments SN65LVDS22 Datasheet HTML 8Page - Texas Instruments SN65LVDS22 Datasheet HTML 9Page - Texas Instruments SN65LVDS22 Datasheet HTML 10Page - Texas Instruments SN65LVDS22 Datasheet HTML 11Page - Texas Instruments SN65LVDS22 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN65LVDS22, SN65LVDM22
DUAL MULTIPLEXED LVDS REPEATERS
SLLS315– DECEMBER 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
A
B
RD
DE
1.2 V
RL/2
(see Note A)
RL/2
(see Note A)
2 V
1.4 V
0.8 V
1.2 V
1.15 V
≈1 V
≈1.4 V
1.25 V
1.2 V
tPZH
tPHZ
tPZL
tPLZ
DE
1.2 V
1 V or 1.4 V
VOY or VOZ
VOY or VOZ
NOTES: A. RL = 100 Ω or 50 Ω ±1%
B. All input pulses are supplied by a generator having the following characteristics: pulse repetition rate (PRR) = 0.5 Mpps,
pulse width = 500
± 10 ns.
Figure 5. Enable and Disable Timing Circuit


Similar Part No. - SN65LVDS22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22D TI-SN65LVDS22D Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22DG4 TI-SN65LVDS22DG4 Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
SN65LVDS22DR TI-SN65LVDS22DR Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results

Similar Description - SN65LVDS22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22_07 Datasheet
204Kb / 14P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
logo
Fairchild Semiconductor
AN-5045 FAIRCHILD-AN-5045 Datasheet
50Kb / 2P
   High Speed LVDS Repeaters
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com