Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS108DBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS108DBT
Description  8-PORT LVDS REPEATER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS108DBT Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS108DBT Datasheet HTML 1Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 2Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 3Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 4Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 5Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 6Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 7Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 8Page - Texas Instruments SN65LVDS108DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN65LVDS108
8-PORT LVDS REPEATER
SLLS399A – NOVEMBER 1999 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.6
2.8
4.5
ns
tPHL
Propagation delay time, high-to-low-level output
1.6
2.8
4.5
ns
tr
Differential output signal rise time
RL = 100 Ω,
0.3
0.8
1.2
ns
tf
Differential output signal fall time
RL = 100 Ω,
CL = 10 pF,
0.3
0.8
1.2
ns
tsk(p)
Pulse skew (|tPHL - tPLH|)‡
See Figure 4
150
500
ps
tsk(o)
Output skew§
300
ps
tsk(pp)
Part-to-part skew#
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
5.7
15
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 5
7.7
15
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 5
3.2
15
tPLZ
Propagation delay time, low-level-to-high-impedance output
3.2
15
ns
† All typical values are at 25
°C and with a 3.3 V supply.
‡ tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
§ tsk(o) is the magnitude of the time difference between the tPLH or tPHL measured at any two outputs.
# tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
PARAMETER MEASUREMENT INFORMATION
(VOY + VOZ)/2
IOZ
IOY
Y
Z
VOD
VOY
VOC
VOZ
VID
VIB
VIA
IIA
A
B
IIB
Figure 1. Voltage and Current Definitions


Similar Part No. - SN65LVDS108DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS108DBT TI1-SN65LVDS108DBT Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108DBTG4 TI1-SN65LVDS108DBTG4 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108DBTR TI1-SN65LVDS108DBTR Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108DBTRG4 TI1-SN65LVDS108DBTRG4 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
More results

Similar Description - SN65LVDS108DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com