Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM180D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM180D
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM180D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDM180D Datasheet HTML 2Page - Texas Instruments SN65LVDM180D Datasheet HTML 3Page - Texas Instruments SN65LVDM180D Datasheet HTML 4Page - Texas Instruments SN65LVDM180D Datasheet HTML 5Page - Texas Instruments SN65LVDM180D Datasheet HTML 6Page - Texas Instruments SN65LVDM180D Datasheet HTML 7Page - Texas Instruments SN65LVDM180D Datasheet HTML 8Page - Texas Instruments SN65LVDM180D Datasheet HTML 9Page - Texas Instruments SN65LVDM180D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN65LVDM179, SN65LVDM180, SN65LVDM050, SN65LVDM051
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLLS324B – DECEMBER 1998 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VITH+
Positive-going differential input voltage threshold
See Figure 5 and Table 1
100
mV
VITH–
Negative-going differential input voltage threshold
See Figure 5 and Table 1
–100
mV
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
II
Input current (A or B inputs)
VI = 0
–2
–11
–20
µA
II
Input current (A or B inputs)
VI = 2.4 V
–1.2
–3
µA
II(OFF)
Power-off input current (A or B inputs)
VCC = 0
±20
µA
IIH
High-level input current (enables)
VIH = 5 V
10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
IOZ
High-impedance output current
VO = 0 or 5 V
±10
µA
CI
Input capacitance
5
pF
† All typical values are at 25
°C and with a 3.3-V supply.
driver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
1.7
2.7
ns
tr
Differential output signal rise time
RL = 50Ω,
CL 10 pF
0.6
1
ns
tf
Differential output signal fall time
CL = 10 pF,
See Figure 6
0.6
1
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
See Figure 6
250
ps
tsk(o)
Channel-to-channel output skew‡
100
ps
tPZH
Propagation delay time, high-impedance-to-high-level output
6
10
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 7
6
10
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 7
4
10
ns
tpLZ
Propagation delay time, low-level-to-high-impedance output
5
10
ns
† All typical values are at 25
°C and with a 3.3-V supply.
‡ tsk(o) is the maximum delay time difference between drivers on the same device.


Similar Part No. - SN65LVDM180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM180D TI-SN65LVDM180D Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM180D TI-SN65LVDM180D Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM180DG4 TI-SN65LVDM180DG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM180DG4 TI-SN65LVDM180DG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM180DR TI-SN65LVDM180DR Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDM180D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com