Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDX015D44D Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # ASDX015D44D
Description  Signal conditioned pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

ASDX015D44D Datasheet(HTML) 2 Page - Sensortechnics GmbH

  ASDX015D44D Datasheet HTML 1Page - Sensortechnics GmbH ASDX015D44D Datasheet HTML 2Page - Sensortechnics GmbH ASDX015D44D Datasheet HTML 3Page - Sensortechnics GmbH ASDX015D44D Datasheet HTML 4Page - Sensortechnics GmbH ASDX015D44D Datasheet HTML 5Page - Sensortechnics GmbH ASDX015D44D Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ASDX Series
Signal conditioned pressure transducers
2/6
February 2009 / 530
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS
(V
S = 5.0 VDC, TA = 25°C)
r
e
b
m
u
n
t
r
a
Pe
g
n
a
r
e
r
u
s
s
e
r
Pe
r
u
s
s
e
r
p
t
s
r
u
B
1
)
.
p
y
t
(
y
t
i
v
i
t
i
s
n
e
S
R
4
2
A
5
1
0
X
D
S
A5
1
o
t
0
)
a
(
i
s
p
0
3
)
a
(
i
s
p
7
6
2
.
0
i
s
p
/
V
R
4
2
A
0
3
0
X
D
S
A0
3
o
t
00
63
3
1
.
0
R
4
2
A
0
0
1
X
D
S
A0
0
1
o
t
00
5
10
4
0
.
0
R
4
4
D
/
R
4
2
G
1
0
0
X
D
S
A1
o
t
0
)
d
,
g
(
i
s
p
5
)
d
,
g
(
i
s
p
0
0
.
4
R
4
4
D
/
R
4
2
G
5
0
0
X
D
S
A5
o
t
00
20
8
.
0
R
4
4
D
/
R
4
2
G
5
1
0
X
D
S
A5
1
o
t
00
37
6
2
.
0
R
4
4
D
/
R
4
2
G
0
3
0
X
D
S
A0
3
o
t
00
63
3
1
.
0
R
4
4
D
/
R
4
2
G
0
0
1
X
D
S
A0
0
1
o
t
00
5
10
4
0
.
0
D
4
4
D
1
0
0
X
D
S
A1
±
o
t
05
0
0
.
2
D
4
4
D
5
0
0
X
D
S
A5
±
o
t
00
20
4
.
0
D
4
4
D
5
1
0
X
D
S
A5
1
±
o
t
00
33
3
1
.
0
D
4
4
D
0
3
0
X
D
S
A0
3
±
o
t
00
67
6
0
.
0
D
4
4
D
0
0
1
X
D
S
A0
0
1
±
o
t
00
5
10
2
0
.
0
PRESSURE SENSOR CHARACTERISTICS
Maximum ratings
Supply voltage V
S
4.75 V to 5.25 V
DC
max. 6.50 V
DC
Output current
Sink
2 mA
Source
2 mA
Lead temperature (2 - 4 sec.)
250 °C
Environmental specifications
Temperature ranges
Compensated
0 to +85 °C
Operating
-20 to +105 °C
Storage
-40 to +125 °C
Vibration:
10 g at 20 - 2000 Hz
Shock:
100 g for 11 ms
Caution!
The sensor is not reverse polarity protected.
Incorrect applications of excitation voltage or ground to the wrong pin can cause electrical failure.
Application of supply voltage above the maximum can cause electrical failure.


Similar Part No. - ASDX015D44D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX015D44D ETC-ASDX015D44D Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Sensortechnics GmbH
ASDX015D44D-A SENSORTECHNICS-ASDX015D44D-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
More results

Similar Description - ASDX015D44D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com