Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1PMT5913BT3 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. 1PMT5913BT3
Description  PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1PMT5913BT3 Datasheet(HTML) 3 Page - Motorola, Inc

  1PMT5913BT3 Datasheet HTML 1Page - Motorola, Inc 1PMT5913BT3 Datasheet HTML 2Page - Motorola, Inc 1PMT5913BT3 Datasheet HTML 3Page - Motorola, Inc 1PMT5913BT3 Datasheet HTML 4Page - Motorola, Inc 1PMT5913BT3 Datasheet HTML 5Page - Motorola, Inc 1PMT5913BT3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MOTOROLA
1PMT5913BT3 through 1PMT5948BT3
TYPICAL CHARACTERISTICS
Figure 1. Steady State Power Derating
Figure 2. Maximum Surge Power
Figure 3. Maximum Surge Power
Figure 4. Pulse Waveform 10/1000
Figure 5. Zener Voltage – To 12 Volts
Figure 6. Zener Voltage – 14 To 200 Volts
0
25
50
75
100
125
150
6
5
4
3
2
0
T, TEMPERATURE (
°C)
10
100
1000
0.1
1
10
100
PW, PULSE WIDTH (ms)
RECTANGULAR
NONREPETITIVE
WAVEFORM
1
TL
TA
10
1
0.1
1
10
0.01
Tp, PULSE WIDTH (ms)
NONREPETITIVE
EXPONENTIAL
PULSE WAVEFORM
TJ = 25°C
2
4
6
8
10
12
10
8
6
4
2
0
–2
–4
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
200
100
70
50
30
20
10
10
20
30
50
70
100
200
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
120
100
80
60
40
0
0
1
2
3
4
t, TIME (ms)
20
5
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
= 10
µs
PEAK VALUE
Ippm
HALF VALUE – Ipp/2
10/1000
µs WAVEFORM
AS DEFINED BY R.E.A.
td
NOTE 1. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction
in thermal equilibrium with ambient temperature at 25
°C
0.1
0.001


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn