Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC08-48D12W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC08-48D12W
Description  8 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC08-48D12W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC08-48D12W Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC08-48D12W Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC08-48D12W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
8 Watts, max.
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
Single (DIP)
Single (SMD)
Dual (SMD,DIP)
± 0.5%
± 1%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time
25% load step change
250μS
Over voltage protection
(only single)
3.3V output
5.0V output
12V output
15V output
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%, typ.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case DIP
SMD
1600VDC, min.
1600VDC, min.
1000VDC, min.
Isolation resistance
10
9ohms, min.
Isolation capacitance
1500pF, max.
Switching frequency
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
18g (0.62oz)
MTBF (Note 1)
BELLCORE-TR-NWT-000332
MIL-HDBK-217F
2.350 x 10
6 hrs
1.078 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
24V nominal input
48V nominal input
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
24V input
48V input
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
450mS, typ.
Start-up voltage
24V input
48V input
9VDC
18VDC
Shutdown voltage
24V input
48V input
8VDC
16VDC
Remote ON/OFF (Note 6)
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Input current of Remote control pin
Nominal Vin
-0.5mA ~ 0.5mA
Remote off state input current
Nominal Vin
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Vo:5V,12V,15V
±12V,±15V
-40ºC to +81ºC (without derating)
+81ºC to +105ºC (with derating)
Operating ambient
temperature
Vo:3.3V;±5V
-40ºC to +74ºC (without derating)
+74ºC to +105ºC (with derating)
Maximum case temperature
+105ºC
Storage temperature range
-55ºC to +125ºC
Thermal impedance
Nature convection
20ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 7)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 8) EN61000-4-4
±
2KV
Perf. Criteria A
Surge (Note 8)
EN61000-4-5
±
1KV
Perf. Criteria A
Conducted immunity EN61000-4-6
10 Vr.m.s
Perf. Criteria A
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
8 WATTS OUTPUT POWER
OUTPUT CURRENT UP TO 2.4A
STANDARD 1.25 X 0.80 X 0.40 INCH
HIGH EFFICIENCY UP TO 88%
4:1 ULTRA WIDE INPUT VOLTAGE RANGE
FIVE-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY (300KHz)
STANDARD 24 PIN DIP PACKAGE
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
SMD TYPE
DESCRIPTION
The FKC08W series offer 8 watts of output power from a package in an IC
compatible 24pin DIP configuration. FKC08W series have 4:1 ultra wide input
voltage of 9-36, 18-75VDC. The FKC08W have features 1600VDC of isolation,
short circuit protection and as well as five sided shielding.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FKC08-48D12W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
FKC08-48D12W RSG-FKC08-48D12W Datasheet
213Kb / 3P
   8 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FKC08-48D12W P-DUKE-FKC08-48D12W Datasheet
596Kb / 4P
   DC-DC CONVERTER
FKC08-48D12W P-DUKE-FKC08-48D12W Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
More results

Similar Description - FKC08-48D12W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12S33 P-DUKE-FKC08-12S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FDC10-12S33 P-DUKE-FDC10-12S33 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com