Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75451BDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75451BDR
Description  DUAL PERIPHERAL DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75451BDR Datasheet(HTML) 2 Page - Texas Instruments

  SN75451BDR Datasheet HTML 1Page - Texas Instruments SN75451BDR Datasheet HTML 2Page - Texas Instruments SN75451BDR Datasheet HTML 3Page - Texas Instruments SN75451BDR Datasheet HTML 4Page - Texas Instruments SN75451BDR Datasheet HTML 5Page - Texas Instruments SN75451BDR Datasheet HTML 6Page - Texas Instruments SN75451BDR Datasheet HTML 7Page - Texas Instruments SN75451BDR Datasheet HTML 8Page - Texas Instruments SN75451BDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
DUAL PERIPHERAL DRIVERS
SLRS021B – DECEMBER 1976 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
SN55’
SN75’
UNIT
Supply voltage, VCC (see Note 1)
7
7
V
Input voltage, VI
5.5
5.5
V
Inter-emitter voltage (see Note 2)
5.5
5.5
V
Off-state output voltage, VO
30
30
V
Continuous collector or output current, IOK (see Note 3)
400
400
mA
Peak collector or output current, II (tw ≤ 10 ms, duty cycle ≤ 50%, see Note 4)
500
500
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
– 55 to 125
0 to 70
°C
Storage temperature range, Tstg
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
JG package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or P package
260
°C
NOTES:
1. Voltage values are with respect to network GND, unless otherwise specified.
2. This is the voltage between two emitters of a multiple-emitter transistor.
3. This value applies when the base-emitter resistance (RBE) is equal to or less than 500 Ω.
4. Both halves of these dual circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time
interval must fall within the continuous dissipation rating.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
JG
1050 mW
8.4 mW/
°C
672 mW
210 mW
P
1000 mW
8.0 mW/
°C
640 mW
recommended operating conditions
SN55’
SN75’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
Operating free-air temperature, TA
–55
125
0
70
°C


Similar Part No. - SN75451BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75451BDR TI-SN75451BDR Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75451BDR TI1-SN75451BDR Datasheet
1Mb / 30P
[Old version datasheet]   SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75451BDR TI1-SN75451BDR Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75451BDRE4 TI-SN75451BDRE4 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75451BDRE4 TI1-SN75451BDRE4 Datasheet
1Mb / 30P
[Old version datasheet]   SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SN75451BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com