Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC05-48D15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FKC05-48D15
Description  5 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC05-48D15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FKC05-48D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC05-48D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC05-48D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Note
1.
BELLCORE TR-NWT-000332. Case 1:50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load of standard type.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version.
7.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ
8.
There is no pin at PIN10 & PIN15 for FKC05-W series.
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage Min. load Full load
Output
(4)
Ripple & Noise No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FKC05-12S33
9 – 18 VDC
3.3 VDC
0mA
1000mA
50mVp-p
10mA
382mA
76
2200μF
FKC05-12S05
9 – 18 VDC
5 VDC
0mA
1000mA
50mVp-p
10mA
563mA
78
1000μF
FKC05-12S12
9 – 18 VDC
12 VDC
0mA
470mA
50mVp-p
10mA
603mA
82
220μF
FKC05-12S15
9 – 18 VDC
15 VDC
0mA
400mA
50mVp-p
10mA
649mA
81
150μF
FKC05-12D05
9 – 18 VDC
± 5 VDC
0mA
± 500mA
50mVp-p
15mA
563mA
78
± 680μF
FKC05-12D12
9 – 18 VDC
± 12 VDC
0mA
± 230mA
50mVp-p
20mA
597mA
81
± 100μF
FKC05-12D15
9 – 18 VDC
± 15 VDC
0mA
± 190mA
50mVp-p
15mA
594mA
84
± 68μF
FKC05-24S33 (W) 18 – 36 (9 – 36) VDC
3.3 VDC
0mA
1000mA
50mVp-p
10mA(5mA) 194mA (191mA) 75 (76)
2200μF
FKC05-24S05 (W) 18 – 36 (9 – 36) VDC
5 VDC
0mA
1000mA
50mVp-p
15mA(10mA) 285mA (278mA) 77 (79)
1000μF
FKC05-24S12 (W) 18 – 36 (9 – 36) VDC
12 VDC
0mA
470mA
50mVp-p
15mA(5mA) 305mA (305mA) 81 (81)
220μF
FKC05-24S15 (W) 18 – 36 (9 – 36) VDC
15 VDC
0mA
400mA
50mVp-p
15mA(10mA) 325mA (312mA) 81 (84)
150μF
FKC05-24D05 (W) 18 – 36 (9 – 36) VDC
± 5 VDC
0mA
± 500mA
50mVp-p
15mA(10mA) 274mA (282mA) 80 (78)
± 680μF
FKC05-24D12 (W) 18 – 36 (9 – 36) VDC ± 12 VDC
0mA
± 230mA
50mVp-p
20mA(10mA) 288mA (295mA) 84 (82)
± 100μF
FKC05-24D15 (W) 18 – 36 (9 – 36) VDC ± 15 VDC
0mA
± 190mA
50mVp-p
20mA(10mA) 308mA (297mA) 81 (84)
± 68μF
FKC05-48S33 (W) 36 – 75 (18 – 75) VDC 3.3 VDC
0mA
1000mA
50mVp-p
10mA(5mA) 98mA (100mA) 74 (73)
2200μF
FKC05-48S05 (W) 36 – 75 (18 – 75) VDC
5 VDC
0mA
1000mA
50mVp-p
10mA(10mA) 143mA (138mA) 77 (79)
1000μF
FKC05-48S12 (W) 36 – 75 (18 – 75) VDC 12 VDC
0mA
470mA
50mVp-p
10mA(10mA) 151mA (155mA) 82 (80)
220μF
FKC05-48S15 (W) 36 – 75 (18 – 75) VDC 15 VDC
0mA
400mA
50mVp-p
10mA(10mA) 162mA (160mA) 81 (82)
150μF
FKC05-48D05 (W) 36 – 75 (18 – 75) VDC ± 5 VDC
0mA
± 500mA
50mVp-p
10mA(10mA) 141mA (145mA) 78 (76)
± 680μF
FKC05-48D12 (W) 36 – 75 (18 – 75) VDC ± 12 VDC
0mA
± 230mA
50mVp-p
5mA(10mA) 147mA (151mA) 82 (80)
± 100μF
FKC05-48D15 (W) 36 – 75 (18 – 75) VDC ± 15 VDC
0mA
± 190mA
50mVp-p
10mA(10mA) 150mA (156mA) 83 (80)
± 68μF
FKC05-48S05 Derating Curve
0
20
40
60
80
100
120
-40 -25 -10 5
20 35 50 65 80 95 110
AMBIENT TEMPERATURE(℃)
M1 Version
70.1
105


Similar Part No. - FKC05-48D15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FKC05-48D15 ASTRODYNE-FKC05-48D15 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-48D15 P-DUKE-FKC05-48D15 Datasheet
453Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
FKC05-48D15 ASTRODYNE-FKC05-48D15 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-48D15W P-DUKE-FKC05-48D15W Datasheet
453Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - FKC05-48D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC05-12S33 P-DUKE-FDC05-12S33 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Power Mate Technology C...
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Power Mate Technology C...
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com