Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED20-48S3P3 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FED20-48S3P3
Description  20 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED20-48S3P3 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FED20-48S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED20-48S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED20-48S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/05/21
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
C2
C3
C4
L1
FED20-12xxx
3.3μF/50V
1812 MLCC
3.3μF/50V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
450μH
Common
Choke
PMT-048
FED20-24xxx
4.7μF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
450μH
Common
Choke
PMT-048
FED20-48xxx
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325μH
Common
Choke
PMT-050
Recommended EN55022 Class B Filter Circuit Layout
Output can be externally trimmed
by using the method shown below.
EXTERNAL OUTPUT TRIMMING
5
4
TRIM UP
RU
4
3
TRIM DOWN
RD
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
TRIM
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL
CTRL
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - FED20-48S3P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FED20-48S3P3 ETC-FED20-48S3P3 Datasheet
91Kb / 2P
   20WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20-48S3P3 P-DUKE-FED20-48S3P3 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
FED20-48S3P3W P-DUKE-FED20-48S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Astrodyne Corporation
FED20-48S3P3W ASTRODYNE-FED20-48S3P3W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20-48S3P3W ASTRODYNE-FED20-48S3P3W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FED20-48S3P3

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com