Electronic Components Datasheet Search |
|
FKC05-24S15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD |
|
FKC05-24S15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD |
2 / 3 page Page 2 of 3 Issued Date:2008/05/21 Note 1. BELLCORE TR-NWT-000332. Case 1:50% Stress, Temperature at 40ºC. MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment). 2. Maximum value at nominal input voltage and full load of standard type. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version. 7. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ 8. There is no pin at PIN10 & PIN15 for FKC05-W series. Output Current Input Current Model Number Input Range Output Voltage Min. load Full load Output (4) Ripple & Noise No load (3) Full load (2) Eff (4) (%) Capacitor (5) Load max FKC05-12S33 9 – 18 VDC 3.3 VDC 0mA 1000mA 50mVp-p 10mA 382mA 76 2200μF FKC05-12S05 9 – 18 VDC 5 VDC 0mA 1000mA 50mVp-p 10mA 563mA 78 1000μF FKC05-12S12 9 – 18 VDC 12 VDC 0mA 470mA 50mVp-p 10mA 603mA 82 220μF FKC05-12S15 9 – 18 VDC 15 VDC 0mA 400mA 50mVp-p 10mA 649mA 81 150μF FKC05-12D05 9 – 18 VDC ± 5 VDC 0mA ± 500mA 50mVp-p 15mA 563mA 78 ± 680μF FKC05-12D12 9 – 18 VDC ± 12 VDC 0mA ± 230mA 50mVp-p 20mA 597mA 81 ± 100μF FKC05-12D15 9 – 18 VDC ± 15 VDC 0mA ± 190mA 50mVp-p 15mA 594mA 84 ± 68μF FKC05-24S33 (W) 18 – 36 (9 – 36) VDC 3.3 VDC 0mA 1000mA 50mVp-p 10mA(5mA) 194mA (191mA) 75 (76) 2200μF FKC05-24S05 (W) 18 – 36 (9 – 36) VDC 5 VDC 0mA 1000mA 50mVp-p 15mA(10mA) 285mA (278mA) 77 (79) 1000μF FKC05-24S12 (W) 18 – 36 (9 – 36) VDC 12 VDC 0mA 470mA 50mVp-p 15mA(5mA) 305mA (305mA) 81 (81) 220μF FKC05-24S15 (W) 18 – 36 (9 – 36) VDC 15 VDC 0mA 400mA 50mVp-p 15mA(10mA) 325mA (312mA) 81 (84) 150μF FKC05-24D05 (W) 18 – 36 (9 – 36) VDC ± 5 VDC 0mA ± 500mA 50mVp-p 15mA(10mA) 274mA (282mA) 80 (78) ± 680μF FKC05-24D12 (W) 18 – 36 (9 – 36) VDC ± 12 VDC 0mA ± 230mA 50mVp-p 20mA(10mA) 288mA (295mA) 84 (82) ± 100μF FKC05-24D15 (W) 18 – 36 (9 – 36) VDC ± 15 VDC 0mA ± 190mA 50mVp-p 20mA(10mA) 308mA (297mA) 81 (84) ± 68μF FKC05-48S33 (W) 36 – 75 (18 – 75) VDC 3.3 VDC 0mA 1000mA 50mVp-p 10mA(5mA) 98mA (100mA) 74 (73) 2200μF FKC05-48S05 (W) 36 – 75 (18 – 75) VDC 5 VDC 0mA 1000mA 50mVp-p 10mA(10mA) 143mA (138mA) 77 (79) 1000μF FKC05-48S12 (W) 36 – 75 (18 – 75) VDC 12 VDC 0mA 470mA 50mVp-p 10mA(10mA) 151mA (155mA) 82 (80) 220μF FKC05-48S15 (W) 36 – 75 (18 – 75) VDC 15 VDC 0mA 400mA 50mVp-p 10mA(10mA) 162mA (160mA) 81 (82) 150μF FKC05-48D05 (W) 36 – 75 (18 – 75) VDC ± 5 VDC 0mA ± 500mA 50mVp-p 10mA(10mA) 141mA (145mA) 78 (76) ± 680μF FKC05-48D12 (W) 36 – 75 (18 – 75) VDC ± 12 VDC 0mA ± 230mA 50mVp-p 5mA(10mA) 147mA (151mA) 82 (80) ± 100μF FKC05-48D15 (W) 36 – 75 (18 – 75) VDC ± 15 VDC 0mA ± 190mA 50mVp-p 10mA(10mA) 150mA (156mA) 83 (80) ± 68μF FKC05-48S05 Derating Curve 0 20 40 60 80 100 120 -40 -25 -10 5 20 35 50 65 80 95 110 AMBIENT TEMPERATURE(℃) M1 Version 70.1 105 |
Similar Part No. - FKC05-24S15 |
|
Similar Description - FKC05-24S15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |