Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM176DGK Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM176DGK
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM176DGK Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN65LVDM176DGK Datasheet HTML 12Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 13Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 14Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 15Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 16Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 17Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 18Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 19Page - Texas Instruments SN65LVDM176DGK Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SN65LVDM176
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SLLS320C – DECEMBER 1998 – REVISED MARCH 2000
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
DGK (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,69
0,41
0,25
0,15 NOM
Gage Plane
4073329/A 02/97
4,98
0,25
5
3,05
4,78
2,95
8
4
3,05
2,95
1
0,38
1,07 MAX
0,15 MIN
Seating Plane
0,65
M
0,25
0
°–6°
0,10
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-187


Similar Part No. - SN65LVDM176DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176DGK TI-SN65LVDM176DGK Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGKG4 TI-SN65LVDM176DGKG4 Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGKR TI-SN65LVDM176DGKR Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGKRG4 TI-SN65LVDM176DGKRG4 Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
More results

Similar Description - SN65LVDM176DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176_06 Datasheet
209Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com