Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED30-12D15 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FED30-12D15
Description  30 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED30-12D15 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FED30-12D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED30-12D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED30-12D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER:00 Page 3 of 3 Issued Date:2008/07/11
Recommended Filter for EN55022 Class A Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as follows:
Single Output
C1
C2 & C3
FED30-12S XX
10μF/25V 1812 MLCC
1000pF/2KV 1808 MLCC
FED30-24S XX
6.8μF/50V 1812 MLCC
1000pF/2KV 1808 MLCC
FED30-48S XX
2.2μF/100V 1812 MLCC
1000pF/2KV 1808 MLCC
Dual Output
C1
C2 & C4
FED30-12D XX
10μF/25V 1812 MLCC
1000pF/2KV 1808 MLCC
FED30-24D XX
6.8μF/50V 1812 MLCC
1000pF/2KV 1808 MLCC
FED30-48D XX
2.2μF/100V 1812 MLCC
1000pF/2KV 1808 MLCC
Recommended EN55022 Class A Filter Circuit Layout
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
CTRL
CTRL
4
+ OUTPUT
+ OUTPUT
5
- OUTPUT
COMMON
6
TRIM
- OUTPUT
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method
shown below.
5
4
TRIM UP
RU
4
3
TRIM DOWN
RD
6
5
6
4


Similar Part No. - FED30-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-12D15 P-DUKE-FED30-12D15 Datasheet
301Kb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FED30-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-24S1P5W P-DUKE-FED30-24S1P5W Datasheet
383Kb / 3P
   30 WATTS OUTPUT POWER
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S1P5W P-DUKE-FEC30-24S1P5W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
LDO06C-005W05-VJ ARTESYN-LDO06C-005W05-VJ_15 Datasheet
671Kb / 4P
   POWER 30 Watts
logo
Qualtek Electronics Cor...
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
logo
Astec America, Inc
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
   30 Watts Embedded Power
logo
ETA-USA
OCH30S ETA-USA-OCH30S Datasheet
541Kb / 6P
   DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS
logo
Wall Industries,Inc.
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com