Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED30-12D12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FED30-12D12
Description  30 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED30-12D12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FED30-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED30-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED30-12D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER:00 Page 2 of 3 Issued Date:2008/07/11
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. Load
Max. Load
Output
(4)
Ripple & Noise
No load
(3)
Full Load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FED30-12S1P5
9 – 18 VDC
1.5 VDC
0mA
8500mA
100mVp-p
70mA
1416mA
79
20000μF
FED30-12S2P5
9 – 18 VDC
2.5 VDC
0mA
8000mA
100mVp-p
100mA
2083mA
84
20000μF
FED30-12S3P3
9 – 18 VDC
3.3 VDC
0mA
8000mA
100mVp-p
90mA
2716mA
85
20000μF
FED30-12S05
9 – 18 VDC
5.0 VDC
0mA
6000mA
100mVp-p
130mA
3012mA
87
14400μF
FED30-12S5P1
9 – 18 VDC
5.1 VDC
0mA
6000mA
100mVp-p
130mA
3072mA
87
14400μF
FED30-12S12
9 – 18 VDC
12 VDC
0mA
2500mA
150mVp-p
90mA
2941mA
89
3000μF
FED30-12S15
9 – 18 VDC
15 VDC
0mA
2000mA
150mVp-p
80mA
2941mA
89
2000μF
FED30-12D05
9 – 18 VDC
±
5VDC
0mA
±
3000mA
100mVp-p
90mA
3012mA
87
± 3000μF
FED30-12D12
9 – 18 VDC
±
12VDC
0mA
±
1250mA
150mVp-p
50mA
3012mA
87
± 2000μF
FED30-12D15
9 – 18 VDC
±
15VDC
0mA
±
1000mA
150mVp-p
40mA
3012mA
87
± 1300μF
FED30-24S1P5
18 – 36 VDC
1.5 VDC
0mA
8500mA
100mVp-p
50mA
700mA
80
20000μF
FED30-24S2P5
18 – 36 VDC
2.5 VDC
0mA
8000mA
100mVp-p
50mA
1028mA
85
20000μF
FED30-24S3P3
18 – 36 VDC
3.3 VDC
0mA
8000mA
100mVp-p
50mA
1325mA
87
20000μF
FED30-24S05
18 – 36 VDC
5.0 VDC
0mA
6000mA
100mVp-p
75mA
1453mA
90
14400μF
FED30-24S5P1
18 – 36 VDC
5.1 VDC
0mA
6000mA
100mVp-p
75mA
1482mA
90
14400μF
FED30-24S12
18 – 36 VDC
12 VDC
0mA
2500mA
150mVp-p
40mA
1437mA
91
3000μF
FED30-24S15
18 – 36 VDC
15 VDC
0mA
2000mA
150mVp-p
30mA
1437mA
91
2000μF
FED30-24D05
18 – 36 VDC
±
5VDC
0mA
±
3000mA
100mVp-p
70mA
1453mA
90
± 3000μF
FED30-24D12
18 – 36 VDC
±
12VDC
0mA
±
1250mA
150mVp-p
30mA
1471mA
89
± 2000μF
FED30-24D15
18 – 36 VDC
±
15VDC
0mA
±
1000mA
150mVp-p
30mA
1453mA
90
± 1300μF
FED30-48S1P5
36 – 75 VDC
1.5 VDC
0mA
8500mA
100mVp-p
45mA
350mA
80
20000μF
FED30-48S2P5
36 – 75 VDC
2.5 VDC
0mA
8000mA
100mVp-p
45mA
514mA
85
20000μF
FED30-48S3P3
36 – 75 VDC
3.3 VDC
0mA
8000mA
100mVp-p
30mA
663mA
87
20000μF
FED30-48S05
36 – 75 VDC
5.0 VDC
0mA
6000mA
100mVp-p
45mA
727mA
90
14400μF
FED30-48S5P1
36 – 75 VDC
5.1 VDC
0mA
6000mA
100mVp-p
45mA
750mA
89
14400μF
FED30-48S12
36 – 75 VDC
12 VDC
0mA
2500mA
150mVp-p
40mA
718mA
91
3000μF
FED30-48S15
36 – 75 VDC
15 VDC
0mA
2000mA
150mVp-p
40mA
718mA
91
2000μF
FED30-48D05
36 – 75 VDC
±
5VDC
0mA
±
3000mA
100mVp-p
35mA
727mA
90
± 3000μF
FED30-48D12
36 – 75 VDC
±
12VDC
0mA
±
1250mA
150mVp-p
30mA
744mA
88
± 2000μF
FED30-48D15
36 – 75 VDC
±
15VDC
0mA
±
1000mA
150mVp-p
20mA
735mA
89
± 1300μF
Note
1.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
MIL-STD-217F Notice2 @Ta=25 ºC, Full load (Ground, Benign, controlled environment)
2.
Maximum value at nominal input voltage.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Input.
7.
Heat sink is optional and P/N: 7G-0020A-F.
8.
The FED30 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 10μF/25V X7R 1812 MLCC; 24Vin : 4.7μF/50V X7R 1812 MLCC; 48Vin : 2.2μF/100V X7R 1812 MLCC .
9.
An external filter capacitor is required if the module has to meet EN61000-4-4,EN61000-4-5.
The filter capacitor Power Mate suggest: 12Vin & 24Vin : Nippon chemi-con KY series, 330μF/50V, ESR 55mΩ.
48Vin : Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ
FED30-48S05 Efficiency VS Output Load
85%
87%
89%
91%
93%
95%
36
40
44
48
52
56
60
64
68
72
76
INPUT VOLTAGE (V)
FED30-48S05 Efficiency VS Input voltage
FED30-48S05 Efficiency VS Output Load
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
FED30-48S05 Efficiency VS Output Load
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
71
FED30-48S05 Derating Curve with Heat-Sink
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
65
FED30-48S05 Derating Curve


Similar Part No. - FED30-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-12D12 P-DUKE-FED30-12D12 Datasheet
301Kb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FED30-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-24S1P5W P-DUKE-FED30-24S1P5W Datasheet
383Kb / 3P
   30 WATTS OUTPUT POWER
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S1P5W P-DUKE-FEC30-24S1P5W Datasheet
279Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
LDO06C-005W05-VJ ARTESYN-LDO06C-005W05-VJ_15 Datasheet
671Kb / 4P
   POWER 30 Watts
logo
Qualtek Electronics Cor...
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
logo
Astec America, Inc
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
   30 Watts Embedded Power
logo
ETA-USA
OCH30S ETA-USA-OCH30S Datasheet
541Kb / 6P
   DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS
logo
Wall Industries,Inc.
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com