Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED20-24S1P5 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FED20-24S1P5
Description  20 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED20-24S1P5 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FED20-24S1P5 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED20-24S1P5 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED20-24S1P5 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
FED20-48S05
Efficiency VS Input Voltage
78
80
82
84
86
88
90
92
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FED20-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load Full load
Output
(4)
Ripple & Noise No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FED20-12S1P5
9 – 18 VDC
1.5 VDC
0mA
6000mA
60mVp-p
70mA
1014mA
78
65000μF
FED20-12S1P8
9 – 18 VDC
1.8 VDC
0mA
6000mA
60mVp-p
75mA
1200mA
79
65000μF
FED20-12S2P5
9 – 18 VDC
2.5 VDC
0mA
6000mA
60mVp-p
80mA
1582mA
83
33000μF
FED20-12S3P3
9 – 18 VDC
3.3 VDC
0mA
5000mA
60mVp-p
115mA
1698mA
85
13000μF
FED20-12S05
9 – 18 VDC
5 VDC
0mA
4000mA
75mVp-p
75mA
2008mA
87
6800μF
FED20-12S12
9 – 18 VDC
12 VDC
0mA
1670mA
75mVp-p
90mA
2037mA
86
2200μF
FED20-12S15
9 – 18 VDC
15 VDC
0mA
1330mA
75mVp-p
35mA
2027mA
86
755μF
FED20-12D12
9 – 18 VDC
±
12VDC
0mA
±
833mA
100mVp-p
45mA
2032mA
86
±
680μF
FED20-12D15
9 – 18 VDC
±
15VDC
0mA
±
667mA
100mVp-p
50mA
2034mA
86
±
450μF
FED20-24S1P5
18 – 36 VDC
1.5 VDC
0mA
6000mA
60mVp-p
35mA
493mA
80
65000μF
FED20-24S1P8
18 – 36 VDC
1.8 VDC
0mA
6000mA
60mVp-p
45mA
584mA
81
65000μF
FED20-24S2P5
18 – 36 VDC
2.5 VDC
0mA
6000mA
60mVp-p
40mA
781mA
84
33000μF
FED20-24S3P3
18 – 36 VDC
3.3 VDC
0mA
5000mA
60mVp-p
30mA
838mA
86
13000μF
FED20-24S05
18 – 36 VDC
5 VDC
0mA
4000mA
75mVp-p
35mA
980mA
89
6800μF
FED20-24S12
18 – 36 VDC
12 VDC
0mA
1670mA
75mVp-p
55mA
1006mA
87
2200μF
FED20-24S15
18 – 36 VDC
15 VDC
0mA
1330mA
75mVp-p
40mA
1002mA
87
755μF
FED20-24D12
18 – 36 VDC
±
12VDC
0mA
±
833mA
100mVp-p
30mA
1004mA
87
±
680μF
FED20-24D15
18 – 36 VDC
±
15VDC
0mA
±
667mA
100mVp-p
30mA
993mA
88
±
450μF
FED20-48S1P5
36 – 75 VDC
1.5 VDC
0mA
6000mA
60mVp-p
15mA
247mA
80
65000μF
FED20-48S1P8
36 – 75 VDC
1.8 VDC
0mA
6000mA
60mVp-p
20mA
288mA
82
65000μF
FED20-48S2P5
36 – 75 VDC
2.5 VDC
0mA
6000mA
60mVp-p
30mA
391mA
84
33000μF
FED20-48S3P3
36 – 75 VDC
3.3 VDC
0mA
5000mA
60mVp-p
15mA
414mA
87
13000μF
FED20-48S05
36 – 75 VDC
5 VDC
0mA
4000mA
75mVp-p
20mA
490mA
89
6800μF
FED20-48S12
36 – 75 VDC
12 VDC
0mA
1670mA
75mVp-p
35mA
497mA
88
2200μF
FED20-48S15
36 – 75 VDC
15 VDC
0mA
1330mA
75mVp-p
50mA
501mA
87
755μF
FED20-48D12
36 – 75 VDC
±
12VDC
0mA
±
833mA
100mVp-p
20mA
496mA
88
±
680μF
FED20-48D15
36 – 75 VDC
±
15VDC
0mA
±
667mA
100mVp-p
20mA
496mA
88
±
450μF
FED20-48S05 Derating Curve
0
20
40
60
80
100
120
-40-20
0
20
40
60
80100
120
AMBIENT TEMPERATURE(℃)
70
FED20-48S05 Derating Curve
With Heatsink (Note 7 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
75
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Vin.
To order negative logic ON-OFF control add the suffix-N (Ex: FED20-24S05-N).
7.
Heat sink is optional and P/N: 7G-0020C-F.
8.
The FED20 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 4.7μF/50V 1812 MLCC .
24Vin : 2.2μF/50V 1812 MLCC .
48Vin : 2.2μF/100V 1812 MLCC.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.


Similar Part No. - FED20-24S1P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FED20-24S1P5 ETC-FED20-24S1P5 Datasheet
91Kb / 2P
   20WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20-24S1P5 P-DUKE-FED20-24S1P5 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
More results

Similar Description - FED20-24S1P5

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com