Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-48D15W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC40-48D15W
Description  40 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-48D15W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC40-48D15W Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-48D15W Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-48D15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/06/12
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The output requires minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
7.
For the single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +sense should be
connected to its corresponding +OUTPUT and likewise the -sense should be connected to its corresponding –OUTPUT.
8.
Load regulation for dual output : Min load to 100% load balanced on all outputs.
9.
Cross regulation for dual output : asymmetrical load 25% / 100% FL
10. The ON/OFF pin voltage is referenced to –Vin
To order negative logic ON/OFF control add the suffix-N (Ex: FEC40-24S05W-N).
11. Heat sink is optional and P/N:7G-0026C-F.
12. The FEC40W series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend : 24Vin : N/A
48Vin :2.2μF/100V*2 PCS 1812 MLCC.
13. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
FEC40-48S05W
Efficiency VS Input voltage
80
82
84
86
88
90
18
24
30
36
42
48
54
60
66
72
INPUT VOLTAGE(V)
FEC40-48S05W
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC40-24S3P3W
9 – 36 VDC
3.3 VDC
0mA
10000mA
50mVp-p
80mA
1677mA
86
25750μF
FEC40-24S05W
9 – 36 VDC
5 VDC
0mA
8000mA
50mVp-p
100mA
2008mA
87
13600μF
FEC40-24S12W
9 – 36 VDC
12 VDC
50mA
3333mA
75mVp-p
50mA
2008mA
87
2360μF
FEC40-24S15W
9 – 36 VDC
15 VDC
50mA
2666mA
75mVp-p
50mA
2008mA
87
1510μF
FEC40-24D12W
9 – 36 VDC
± 12 VDC
±65 mA
± 1667mA
120mVp-p
60mA
2032mA
86
± 1200μF
FEC40-24D15W
9 – 36 VDC
± 15 VDC
±50 mA
± 1333mA
150mVp-p
70mA
2032mA
86
± 750μF
FEC40-48S3P3W
18 – 75 VDC
3.3 VDC
0mA
10000mA
50mVp-p
60mA
838mA
86
25750μF
FEC40-48S05W
18 – 75 VDC
5 VDC
0mA
8000mA
50mVp-p
65mA
992mA
88
13600μF
FEC40-48S12W
18 – 75 VDC
12 VDC
50mA
3333mA
75mVp-p
30mA
1004mA
87
2360μF
FEC40-48S15W
18 – 75 VDC
15 VDC
50mA
2666mA
75mVp-p
30mA
1004mA
87
1510μF
FEC40-48D12W
18 – 75 VDC
± 12 VDC
±65 mA
± 1667mA
120mVp-p
30mA
1016mA
86
± 1200μF
FEC40-48D15W
18 – 75 VDC
± 15 VDC
±60 mA
± 1333mA
150mVp-p
30mA
1016mA
86
± 750μF
FEC40-48S05W Derating CurveWith
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(℃)
55
55
FEC40-48S05W Derating Curve
With Heatsink (Note 6 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(℃)
64
(Note 11)


Similar Part No. - FEC40-48D15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-48D15W P-DUKE-FEC40-48D15W Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
More results

Similar Description - FEC40-48D15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-12S1P5 P-DUKE-FEC40-12S1P5 Datasheet
356Kb / 4P
   40 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com