Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC30-48S1P5W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FEC30-48S1P5W
Description  30 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC30-48S1P5W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FEC30-48S1P5W Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC30-48S1P5W Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC30-48S1P5W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
INPUT SPECIFICATIONS
Input voltage range
24V nominal input
48V nominal input
10 – 40VDC
18 – 75VDC
Input filter
L-C type
Input surge voltage
100mS max
24V input
48V input
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
10mS, typ.
10mS, typ.
Start-up voltage
24V input
48V input
10VDC
18VDC
Shutdown voltage
24V input
48V input
8VDC
16VDC
Remote ON/OFF (Note 6)
(Positive logic)(Standard)
(Negative logic)(Option)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 12V
Input current of remote control pin Nominal Vin
-0.5mA ~ +0.5mA
Remote off state input current
Nominal Vin
3mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +85ºC (with derating)
Maximum case temperature
100ºC
Over temperature protection
115ºC, typ.
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance (Note 7)
Nature convection
Nature convection with heat-sink
10ºC/Watt
8.24ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 8)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 9) EN61000-4-4
±
2KV Perf. Criteria A
Surge (Note 9)
EN61000-4-5
±
1KV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
30 Watts, max.
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
See Table
Voltage adjustability
± 10%
Line regulation
LL to HL at Full Load
± 0.5%
Load regulation
No Load to Full Load
Single
Dual
± 0.5%
± 1%
Cross regulation (Dual)
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
(Measured with a 0.1μF/50V MLCC)
See table
Temperature coefficient
± 0.02% / ºC, max.
Transient response recovery time
25% load step change
250μS
Over voltage protection
Zener diode clamp
1.5V output
1.8V output
2.5V output
3.3V output
5V output
12V output
15V output
3.9VDC
3.9VDC
3.9VDC
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%, max.
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
1600VDC, min.
1600VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
1000pF, max.
Switching frequency
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.60 X 0.40 Inch
(50.8 X 40.6 X 10.2 mm)
Weight
48g (1.69oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.315 x 10
6 hrs
3.456 x 10
5 hrs
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
30 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 8A
STANDARD 2.0 X 1.6 X 0.4 INCH PACKAGE
HIGH EFFICIENCY UP TO 88%
4:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
OFFER SINGLE AND DUAL OUTPUT
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Negative logic Remote On/Off
DESCRIPTION
The FEC30W series offer 30 watts of output power from a 2 x 1.6 x 0.4
inch package .The FEC30W series with 4:1 wide input voltage of
10-40VDC and 18-75VDC and features 1600VDC of isolation,
short-circuit and over-voltage protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FEC30-48S1P5W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30-48S1P5W P-DUKE-FEC30-48S1P5W Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FEC30-48S1P5W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
FED30-24S1P5W P-DUKE-FED30-24S1P5W Datasheet
383Kb / 3P
   30 WATTS OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com