Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC174N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC174N
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC174N Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC174N Datasheet HTML 3Page - Texas Instruments SN75LBC174N Datasheet HTML 4Page - Texas Instruments SN75LBC174N Datasheet HTML 5Page - Texas Instruments SN75LBC174N Datasheet HTML 6Page - Texas Instruments SN75LBC174N Datasheet HTML 7Page - Texas Instruments SN75LBC174N Datasheet HTML 8Page - Texas Instruments SN75LBC174N Datasheet HTML 9Page - Texas Instruments SN75LBC174N Datasheet HTML 10Page - Texas Instruments SN75LBC174N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN65LBC174, SN75LBC174
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SLLS162A – JULY 1993 – REVISED NOVEMBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
VO – Output Voltage – V
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
Output Disabled
TA = 25°C
40
30
20
10
0
–10
–20
–30
–40
20
15
10
5
0
–5
–10
–15
–20
–50
25
50
–25
VCC = 5 V
VCC = 0 V
Figure 7
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3.5
3
2.5
2
1.5
1
0.5
80
60
40
20
0
4
0
100
VCC = 5 V
TA = 25°C
4.5
5
120
–20
Figure 8
3
2.5
2
1.5
1
0.5
40
20
0
–20
–40
0
60
TA – Free-Air Temperature – °C
–60
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
80
100
RL = 54 Ω
VCC = 5 V
Figure 9
IOH – High-Level Output Current – mA
4.5
4
3.5
3
2.5
2
1.5
5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
–40
–20
– 60
0
–80
– 100
VCC = 5 V
TA = 25°C
– 120
20


Similar Part No. - SN75LBC174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC174N TI1-SN75LBC174N Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LBC174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com