Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC184 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC184
Description  DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC184 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LBC184 Datasheet HTML 1Page - Texas Instruments SN65LBC184 Datasheet HTML 2Page - Texas Instruments SN65LBC184 Datasheet HTML 3Page - Texas Instruments SN65LBC184 Datasheet HTML 4Page - Texas Instruments SN65LBC184 Datasheet HTML 5Page - Texas Instruments SN65LBC184 Datasheet HTML 6Page - Texas Instruments SN65LBC184 Datasheet HTML 7Page - Texas Instruments SN65LBC184 Datasheet HTML 8Page - Texas Instruments SN65LBC184 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN65LBC184, SN75LBC184
DIFFERENTIAL TRANSCEIVER
WITH TRANSIENT VOLTAGE SUPPRESSION
SLLS236F − OCTOBER 1996 − REVISED APRIL 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER FUNCTION TABLE
INPUT
ENABLE
OUTPUTS
D
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
RECEIVER FUNCTION TABLE
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A − B
RE
R
VID ≥ 0.2 V
L
H
− 0.2 V < VID < 0.2 V
L
?
VID ≤ −0.2 V
L
L
X
H
Z
Open
L
H
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC SMALL-OUTLINE†
(JEDEC MS-012)
PLASTIC DUAL-IN-LINE PACKAGE
(JEDEC MS-001)
0
°C to 70°C
SN75LBC184D
SN75LBC184P
−40
°C to 85°C
SN65LBC184D
SN65LBC184P
† Add R suffix for taped and reel.
logic symbol
RE
DE
1
1
2
B
A
7
6
EN2
EN1
R
D
1
4
2
3
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


Similar Part No. - SN65LBC184

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184 TI1-SN65LBC184 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN65LBC184 UMW-SN65LBC184 Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184 UMW-SN65LBC184 Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184D TI-SN65LBC184D Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
More results

Similar Description - SN65LBC184

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184_07 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI1-SN65LBC184_17 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com