Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC15-12S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC15-12S05
Description  15 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC15-12S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC15-12S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC15-12S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC15-12S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC15-12S33
9 – 18 VDC
3.3 VDC
0mA
4000mA
50mVp-p
30mA
1467mA
79
10200μF
FEC15-12S05
9 – 18 VDC
5 VDC
15mA
3000mA
50mVp-p
25mA
1603mA
82
7050μF
FEC15-12S12
9 – 18 VDC
12 VDC
0mA
1250mA
50mVp-p
25mA
1524mA
86
1035μF
FEC15-12S15
9 – 18 VDC
15 VDC
0mA
1000mA
50mVp-p
20mA
1524mA
86
705μF
FEC15-12D05
9 – 18 VDC
± 5 VDC
0mA
± 1500mA
75mVp-p
20mA
1582mA
83
± 1020μF
FEC15-12D12
9 – 18 VDC
± 12 VDC
0mA
± 625mA
75mVp-p
30mA
1524mA
86
± 495μF
FEC15-12D15
9 – 18 VDC
± 15 VDC
±10mA
± 500mA
75mVp-p
35mA
1563mA
84
± 165μF
FEC15-24S33
18 – 36 VDC
3.3 VDC
0mA
4000mA
50mVp-p
15mA
724mA
80
10200μF
FEC15-24S05
18 – 36 VDC
5 VDC
15mA
3000mA
50mVp-p
10mA
781mA
84
7050μF
FEC15-24S12
18 – 36 VDC
12 VDC
0mA
1250mA
50mVp-p
20mA
772mA
85
1035μF
FEC15-24S15
18 – 36 VDC
15 VDC
10mA
1000mA
50mVp-p
15mA
772mA
85
705μF
FEC15-24D05
18 – 36 VDC
± 5 VDC
0mA
± 1500mA
75mVp-p
15mA
781mA
84
± 1020μF
FEC15-24D12
18 – 36 VDC
± 12 VDC
0mA
± 625mA
75mVp-p
25mA
762mA
86
± 495μF
FEC15-24D15
18 – 36 VDC
± 15 VDC
0mA
± 500mA
75mVp-p
25mA
762mA
86
± 165μF
FEC15-48S33
36 – 75 VDC
3.3 VDC
0mA
4000mA
50mVp-p
10mA
357mA
81
10200μF
FEC15-48S05
36 – 75 VDC
5 VDC
0mA
3000mA
50mVp-p
20mA
396mA
83
7050μF
FEC15-48S12
36 – 75 VDC
12 VDC
10mA
1250mA
50mVp-p
15mA
377mA
87
1035μF
FEC15-48S15
36 – 75 VDC
15 VDC
0mA
1000mA
50mVp-p
15mA
381mA
86
705μF
FEC15-48D05
36 – 75 VDC
± 5 VDC
0mA
± 1500mA
75mVp-p
10mA
386mA
85
± 1020μF
FEC15-48D12
36 – 75 VDC
± 12 VDC
0mA
± 625mA
75mVp-p
15mA
372mA
88
± 495μF
FEC15-48D15
36 – 75 VDC
± 15 VDC
0mA
± 500mA
75mVp-p
15mA
377mA
87
± 165μF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
7.
The ON/OFF control pin voltage is referenced to -Vin.
To order positive logic ON-OFF control add the suffix-P (Ex: FEC15-24S05-P)
To order negative logic ON-OFF control add the suffix-N (Ex: FEC15-24S05-N)
8.
Heat sink is optional and P/N: 7G-0020C-F.
9.
The FEC15 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 6.8μF/50V 1812 MLCC .
24Vin : 2.2μF/50V 1812 MLCC .
48Vin : 1.5μF/100V 1812 MLCC.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
FEC15-48S05 Derating Curve
With Heatsink (Note 8 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
69
FEC15-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
2040
6080
100
120
AMBIENT TEMPERATURE(℃)
63
FEC15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
FEC15-48S05
Efficiency VS Input Voltage
74
76
78
80
82
84
86
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)


Similar Part No. - FEC15-12S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC15-12S05 ETC-FEC15-12S05 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15-12S05 ASTRODYNE-FEC15-12S05 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FEC15-12S05 VOLGEN-FEC15-12S05 Datasheet
252Kb / 2P
   SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
logo
Power Mate Technology C...
FEC15-12S05 P-DUKE-FEC15-12S05 Datasheet
292Kb / 3P
   15 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15-12S05 ASTRODYNE-FEC15-12S05 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results

Similar Description - FEC15-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LCD15-24S3P3W P-DUKE-LCD15-24S3P3W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ_15 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
   15 Watts Embedded Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com