Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PC01K0G2 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 26PC01K0G2
Description  Temp. compensated and calibrated pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

26PC01K0G2 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  26PC01K0G2 Datasheet HTML 1Page - Sensortechnics GmbH 26PC01K0G2 Datasheet HTML 2Page - Sensortechnics GmbH 26PC01K0G2 Datasheet HTML 3Page - Sensortechnics GmbH 26PC01K0G2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
26PC Series (mbar)
Temp. compensated and calibrated pressure sensors
3/4
June 2005 / 596
www.sensortechnics.com
OUTLINE DRAWINGS10
26PCxxxxG6A (single inline pinning, 1 x 4), gage pressure devices
mass: 2 g
dimensions in mm
26PCxxxxG2A (dual inline pinning, 2 x 2), gage pressure devices
mass: 2 g
dimensions in mm
12,7
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
PIN 2
PIN 3
PIN 4
4 x 1,02
4 x 0,5
5,1
4 x 0,41
8,4
12,7
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
P2
4 3 2 1


Similar Part No. - 26PC01K0G2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC01K0DSMT SENSORTECHNICS-26PC01K0DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
More results

Similar Description - 26PC01K0G2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0070D2 SENSORTECHNICS-26PC0070D2 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0050DSMT SENSORTECHNICS-26PC0050DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
RQOM050D SENSORTECHNICS-RQOM050D Datasheet
157Kb / 4P
   Temp. compensated and calibrated pressure sensors
RPOM050G6A SENSORTECHNICS-RPOM050G6A Datasheet
219Kb / 5P
   Compensated and calibrated pressure sensors
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
   Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com