Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC173D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC173D
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC173D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LBC173D Datasheet HTML 2Page - Texas Instruments SN65LBC173D Datasheet HTML 3Page - Texas Instruments SN65LBC173D Datasheet HTML 4Page - Texas Instruments SN65LBC173D Datasheet HTML 5Page - Texas Instruments SN65LBC173D Datasheet HTML 6Page - Texas Instruments SN65LBC173D Datasheet HTML 7Page - Texas Instruments SN65LBC173D Datasheet HTML 8Page - Texas Instruments SN65LBC173D Datasheet HTML 9Page - Texas Instruments SN65LBC173D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN65LBC173, SN75LBC173
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SLLS170C – OCTOBER 1993 – REVISED JANUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
180
120
60
0
0
3
6
9
12
15
240
300
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
360
18
21
24
27
30
420
480
540
IOL – Low-Level Output Current – mA
600
660
TA = 25°C
VCC = 5 V
VID = 200 mV
Figure 7
6
4
2
0
10 K
100 K
2 M
8
10
AVERAGE SUPPLY CURRENT
vs
FREQUENCY
12
10 M
100 M
14
f – Frequency – Hz
TA = 25°C
VCC = 5 V
Figure 8
– 0.4
– 0.6
– 0.8
– 1
– 8
– 6
– 4
– 2
0
2
– 0.2
0
BUS
INPUT CURRENT
vs
INPUT VOLTAGE
(COMPLEMENTARY INPUT AT 0 V)
0.2
46
8
10
12
0.4
0.6
0.8
VI – Input Voltage – V
1
TA = 25°C
VCC = 5 V
The shaded region of this graph represents
more than 1 unit load per RS-485.
Figure 9
23.5
23
22.5
22
– 40
– 20
0
20
40
60
24
24.5
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
80
100
TA – Free-Air Temperature – °C
tPHL
tPLH
VCC = 5 V
CL = 15 pF
VIO = ± 1.5 V


Similar Part No. - SN65LBC173D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173D TI1-SN65LBC173D Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173DG4 TI1-SN65LBC173DG4 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173DR TI1-SN65LBC173DR Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173DRG4 TI1-SN65LBC173DRG4 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LBC173D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175DW TI1-SN65LBC175DW Datasheet
639Kb / 16P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com